Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79418DCQ Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79418DCQ
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79418DCQ Fiches technique(HTML) 1 Page - Texas Instruments

  TPS79418DCQ Datasheet HTML 1Page - Texas Instruments TPS79418DCQ Datasheet HTML 2Page - Texas Instruments TPS79418DCQ Datasheet HTML 3Page - Texas Instruments TPS79418DCQ Datasheet HTML 4Page - Texas Instruments TPS79418DCQ Datasheet HTML 5Page - Texas Instruments TPS79418DCQ Datasheet HTML 6Page - Texas Instruments TPS79418DCQ Datasheet HTML 7Page - Texas Instruments TPS79418DCQ Datasheet HTML 8Page - Texas Instruments TPS79418DCQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
EN
OUT
NC − No internal connection
1
2
3
4
5
DCQ PACKAGE
NR/FB
OUT
GND
IN
EN
2
1
3
4
7
8
6
5
NC
FB
NR
IN
NC
GND
SOT223-6
(TOP VIEW)
DGN PACKAGE
MSOP-8 PowerPADt
(TOP VIEW)
IOUT = 10 mA
IOUT = 250 mA
VIN = 4.3 V,
VOUT = 3.3 V,
CIN = 1 µF,
COUT = 10 µF,
CNR = 0.01 µF
40
20
10
10
100
1 k
10 k
60
70
Frequency (Hz)
TPS79433
RIPPLE REJECTION
vs
FREQUENCY
90
100 k
1 M
10 M
0
30
50
80
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
IOUT = 250 mA
IOUT = 1 mA
COUT = 2.2 µF,
CNR = 0.1 µF,
VIN = 3.8 V
TPS79428
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
Frequency (Hz)
100
1000
10000
100000
6
GND
TPS794xx
SLVS349E – NOVEMBER 2001 – REVISED DECEMBER 2005
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA
LOW-DROPOUT LINEAR REGULATORS
• 250-mA Low-Dropout Regulator With Enable
The TPS794xx family of low-dropout (LDO) linear
voltage
regulators
features
high
power-supply
• Available in Fixed and Adjustable (1.2 V to
rejection ratio (PSRR), ultralow-noise, fast start-up,
5.5 V) Versions
and excellent line and load transient responses in
• High PSRR (60 dB at 10 kHz)
small outline, MSOP-8 PowerPAD™ and SOT223-6
• Ultralow Noise (32 µVrms, TPS79428)
packages. Each device in the family is stable with a
small 2.2-
µF ceramic capacitor on the output. The
• Fast Start-Up Time (50 µs)
family uses an advanced,
proprietary
BiCMOS
• Stable With a 2.2-µF Ceramic Capacitor
fabrication process to yield extremely low dropout
• Excellent Load/Line Transient Response
voltages (for example, 155 mV at 250 mA). Each
device achieves fast start-up times (approximately
• Very Low Dropout Voltage (155 mV at Full
50
µs with a 0.001-µF bypass capacitor) while
Load)
consuming low quiescent current (170
µA typical).
• Available in MSOP-8 and SOT223-6 Packages
Moreover, when the device is placed in standby
mode, the supply current is reduced to less than
1
µA. The TPS79428 exhibits approximately
• RF: VCOs, Receivers, ADCs
32
µV
RMS of output voltage noise at 2.8 V output with
a 0.1-
µF bypass capacitor. Applications with analog
• Audio
components
that
are
noise-sensitive,
such
as
• Bluetooth™, Wireless LAN
portable RF electronics, benefit from the high PSRR
• Cellular and Cordless Telephones
and low noise features as well as the fast response
• Handheld Organizers, PDAs
time.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
Bluetooth is a trademark of Bluetooth SIG, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS79418DCQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79418DCQ TI-TPS79418DCQ Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418DCQR TI-TPS79418DCQR Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Description similaire - TPS79418DCQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com