Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79301DBVRQ1 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79301DBVRQ1
Description  Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79301DBVRQ1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS79301DBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS79301DBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS79301DBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS79301DBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS79301DBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS79301DBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS79301DBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS79301DBVRQ1 Datasheet HTML 13Page - Texas Instruments TPS79301DBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.2
IO − Output Current − A
1
Region of Instability
Region of Stability
Co = 10 F
m
VI = 5.5 V
TJ = −40°C to 125°C
2
3
4
1.5
2.5
3.5
2
3
TJ = 25°C
IO = 200 mA
VO − Output Voltage − V
1.75
2.25
2.75
3.25
2.8
TJ = 125°C
TJ = −40°C
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.2
IO − Output Current − A
1
Region of Instability
Region of Stability
Co = 2.2 F
m
VI = 5.5 V, VO ≥ 1.5 V
TJ = −40°C to 125°C
10
TPS793-Q1
SGLS162I – APRIL 2003 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS793-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 19. Minimum Required Input Voltage vs Output
Voltage
Figure 20. Typical Regions of Stability Equivalent Series
Resistance (ESR) vs Output Current
Figure 21. Typical Regions of Stability Equivalent Series Resistance (ESR) vs Output Current


Numéro de pièce similaire - TPS79301DBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79301DBVRQ1 TI-TPS79301DBVRQ1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRQ1 TI-TPS79301DBVRQ1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Description similaire - TPS79301DBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com