Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79318YZQT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79318YZQT
Description  Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79318YZQT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS79318YZQT Datasheet HTML 6Page - Texas Instruments TPS79318YZQT Datasheet HTML 7Page - Texas Instruments TPS79318YZQT Datasheet HTML 8Page - Texas Instruments TPS79318YZQT Datasheet HTML 9Page - Texas Instruments TPS79318YZQT Datasheet HTML 10Page - Texas Instruments TPS79318YZQT Datasheet HTML 11Page - Texas Instruments TPS79318YZQT Datasheet HTML 12Page - Texas Instruments TPS79318YZQT Datasheet HTML 13Page - Texas Instruments TPS79318YZQT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.20
IOUT (A)
1
Region of Instability
Region of Stability
COUT = 2.2 F
m
VIN = 5.5 V, VOUT ≥ 1.5 V
TJ = −40°C to 125 C
°
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.20
IOUT (A)
1
Region of Instability
Region of Stability
COUT = 10 F
m
VIN = 5.5 V
TJ = −40°C to 125 C
°
10
TPS793
SLVS348L – JULY 2001 – REVISED MAY 2015
www.ti.com
Product Folder Links: TPS793
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
Over recommended operating temperature range TJ = –40°C to 125°C, VEN = VIN, VIN = VOUT(nom) + 1 V, IOUT = 1 mA, COUT =
10 μF, CNR = 0.01 μF, VOUT(nom) = 2.8 V (unless otherwise noted). Typical values are at TJ = 25°C.
Figure 19. Typical Regions of Stability Equivalent Series
Resistance (ESR) vs Output Current
Figure 20. Typical Regions of Stability Equivalent Series
Resistance (ESR) vs Output Current


Numéro de pièce similaire - TPS79318YZQT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79318YZQT TI1-TPS79318YZQT Datasheet
934Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
TPS79318YZQT TI-TPS79318YZQT Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS79318YZQT TI1-TPS79318YZQT Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79318YZQT TI1-TPS79318YZQT Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Description similaire - TPS79318YZQT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS793 TI1-TPS793_17 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793 TI1-TPS793_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79333 TI-TPS79333_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS793 TI-TPS793_15 Datasheet
918Kb / 28P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
TPS79301 TI-TPS79301 Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com