Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A3725DRVR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A3725DRVR
Description  High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3725DRVR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS7A3725DRVR Datasheet HTML 5Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 6Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 7Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 8Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 9Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 10Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 11Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 12Page - Texas Instruments TPS7A3725DRVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
10
1
0.1
0.01
-50
-25
0
25
50
75
100
125
Temperature (°C)
6
5
4
3
2
1
0
-1
-2
50ms/div
V
IN
V
OUT
100 s/div
m
1V/div
1V/div
2V
0V
V
OUT
V
EN
R =20W
L
C
=10 F
m
OUT
R =20W
L
C
=1 F
m
OUT
100 s/div
m
1V/div
1V/div
V
OUT
V
EN
R =20W
L
C
=10 F
m
OUT
2V
0V
R =20W
L
C
=1 F
m
OUT
10 s/div
m
200mV/div
V
OUT
I
OUT
C
=10nF
NR
C
=10 F
OUT
m
10mA
1A
10 s/div
m
100mV/div
V
OUT
V
IN
C
=10nF
NR
C
=10 F
OUT
m
4.3V
5.3V
TPS7A37
www.ti.com
SBVS220B – MARCH 2013 – REVISED AUGUST 2015
Typical Characteristics (continued)
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 1 V, IOUT = 10 mA, VEN = 2.2 V, and COUT = 2.2 μF, unless otherwise
noted.
VOUT = 3.3V
VOUT = 3.3V
Figure 19. TPS7A3701: Load Transient Response
Figure 20. TPS7A3701: Line Transient Response
Figure 21. TPS7A3701: Turn-on Response
Figure 22. TPS7A3701: Turn-off Response
Figure 23. TPS7A3701: Power-up/Power-down (VOUT = 3.3 V)
Figure 24. IENABLE vs Temperature
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS7A37


Numéro de pièce similaire - TPS7A3725DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI-TPS7A37 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
More results

Description similaire - TPS7A3725DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com