Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A4001MDGNREP Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A4001MDGNREP
Description  100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4001MDGNREP Fiches technique(HTML) 3 Page - Texas Instruments

  TPS7A4001MDGNREP Datasheet HTML 1Page - Texas Instruments TPS7A4001MDGNREP Datasheet HTML 2Page - Texas Instruments TPS7A4001MDGNREP Datasheet HTML 3Page - Texas Instruments TPS7A4001MDGNREP Datasheet HTML 4Page - Texas Instruments TPS7A4001MDGNREP Datasheet HTML 5Page - Texas Instruments TPS7A4001MDGNREP Datasheet HTML 6Page - Texas Instruments TPS7A4001MDGNREP Datasheet HTML 7Page - Texas Instruments TPS7A4001MDGNREP Datasheet HTML 8Page - Texas Instruments TPS7A4001MDGNREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2
1
3
4
7
8
6
5
FB
NC
GND
OUT
EN
NC
NC
IN
TPS7A4001-EP
www.ti.com
SBVS226 – AUGUST 2015
5 Pin Configuration and Functions
DGN Package
8-Pin HVSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OUT
1
O
Regulator output. A capacitor >4.7 µF must be tied from this pin to ground to assure stability.
FB
2
O
This pin is the input to the control-loop error amplifier. It is used to set the output voltage of the device.
3
NC
6
Not internally connected. This pin must either be left open or tied to GND.
7
GND
4
Ground
This pin turns the regulator on or off.
If VEN ≥ VEN_HI the regulator is enabled.
EN
5
I
If VEN ≤ VEN_LO, the regulator is disabled.
If not used, the EN pin can be connected to IN. Make sure that VEN ≤ VIN at all times.
IN
8
I
Input supply
Solder to printed-circuit-board (PCB) to enhance thermal performance.
PowerPAD
NOTE: The PowerPAD is internally connected to GND.
Although it can be left floating, TI highly recommends connecting the PowerPAD to the GND plane.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS7A4001-EP


Numéro de pièce similaire - TPS7A4001MDGNREP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4001MDGNREP TI1-TPS7A4001MDGNREP Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
More results

Description similaire - TPS7A4001MDGNREP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com