Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A3001DRBR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A3001DRBR
Description  TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3001DRBR Fiches technique(HTML) 1 Page - Texas Instruments

  TPS7A3001DRBR Datasheet HTML 1Page - Texas Instruments TPS7A3001DRBR Datasheet HTML 2Page - Texas Instruments TPS7A3001DRBR Datasheet HTML 3Page - Texas Instruments TPS7A3001DRBR Datasheet HTML 4Page - Texas Instruments TPS7A3001DRBR Datasheet HTML 5Page - Texas Instruments TPS7A3001DRBR Datasheet HTML 6Page - Texas Instruments TPS7A3001DRBR Datasheet HTML 7Page - Texas Instruments TPS7A3001DRBR Datasheet HTML 8Page - Texas Instruments TPS7A3001DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TPS7A49
IN
+18V
OUT
EN
GND
-
18V
TPS7A30
IN
OUT
EN
GND
EVM
+15V
-
15V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS7A30
SBVS125D – AUGUST 2010 – REVISED JUNE 2015
TPS7A30 –35-V, –200-mA, Ultralow-Noise, Negative Linear Regulator
1 Features
3 Description
The TPS7A30 series of devices are negative, high-
1
Input Voltage Range: –3 V to –35 V
voltage (–35 V), ultralow-noise (15.1
μVRMS, 72-dB
Noise:
PSRR) linear regulators that can source a maximum
14
μVRMS (20 Hz to 20 kHz)
load of 200 mA.
15.1
μVRMS (10 Hz to 100 kHz)
These linear regulators include a CMOS logic-level-
Power-Supply Ripple Rejection:
compatible enable pin and capacitor-programmable
soft-start function that allows for customized power-
72 dB (120 Hz)
management schemes. Other features include built-in
≥ 55 dB (10 Hz to 700 kHz)
current limit and thermal shutdown protection to
Adjustable Output: –1.18 V to –33 V
safeguard
the
device
and
system
during
fault
conditions.
Maximum Output Current: 200 mA
Dropout Voltage: 216 mV at 100 mA
The TPS7A30 family is designed using bipolar
technology, and is ideal for high-accuracy, high-
Stable with Ceramic Capacitors
≥ 2.2 μF
precision instrumentation applications where clean
CMOS Logic-Level-Compatible Enable Pin
voltage
rails
are
critical
to
maximize
system
Built-In, Fixed, Current Limit and Thermal
performance. This design makes the device an
Shutdown Protection
excellent choice to power operational amplifiers,
analog-to-digital converters (ADCs), digital-to-analog
Packages: 8-Pin HVSSOP PowerPAD™ and
converters
(DACs),
and
other
high-performance
3-mm × 3-mm VSON
analog circuitry.
Operating Temperature Range:
In addition, the TPS7A30 family of linear regulators is
–40°C to 125°C
suitable for post dc-dc converter regulation. By
filtering out the output voltage ripple inherent to dc-dc
2 Applications
switching conversion, maximum system performance
Supply Rails for Operational Amplifiers, DACs,
is provided in sensitive instrumentation, test and
ADCs, and Other High-Precision Analog Circuitry
measurement, audio, and RF applications.
Audio
For applications that require positive and negative
Post DC-DC Converter Regulation and
high-performance rails, consider TI’s TPS7A49 family
Ripple Filtering
of
positive
high-voltage,
ultralow-noise
linear
regulators.
Test and Measurement
RX, TX, and PA Circuitry
Device Information(1)
Industrial Instrumentation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Base Stations and Telecom Infrastructure
HVSSOP (8)
3.00 mm × 3.00 mm
TPS7A30
–12-V and –24-V Industrial Buses
VSON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Post DC-DC Converter Regulation for High-Performance Analog Circuitry
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPS7A3001DRBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A3001DGNR TI-TPS7A3001DGNR Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001DGNR TI-TPS7A3001DGNR Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001DGNR TI1-TPS7A3001DGNR Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001DGNT TI-TPS7A3001DGNT Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001DGNT TI-TPS7A3001DGNT Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
More results

Description similaire - TPS7A3001DRBR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Anachip Corp
ADP7182 ANACHIP-ADP7182 Datasheet
768Kb / 28P
   ??8 V, ??00 mA, Low Noise, Linear Regulator
logo
Texas Instruments
TPS7A3401 TI-TPS7A3401_15 Datasheet
997Kb / 27P
[Old version datasheet]   TPS7A3401 ??0-V, ??00-mA, Low-Noise Negative Voltage Regulator
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com