Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A1901DRBT Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A1901DRBT
Description  40-V, 450-mA, Wide VIN, Low IQ, Low-Dropout Voltage Regulator with Power Good
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1901DRBT Fiches technique(HTML) 4 Page - Texas Instruments

  TPS7A1901DRBT Datasheet HTML 1Page - Texas Instruments TPS7A1901DRBT Datasheet HTML 2Page - Texas Instruments TPS7A1901DRBT Datasheet HTML 3Page - Texas Instruments TPS7A1901DRBT Datasheet HTML 4Page - Texas Instruments TPS7A1901DRBT Datasheet HTML 5Page - Texas Instruments TPS7A1901DRBT Datasheet HTML 6Page - Texas Instruments TPS7A1901DRBT Datasheet HTML 7Page - Texas Instruments TPS7A1901DRBT Datasheet HTML 8Page - Texas Instruments TPS7A1901DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
TPS7A19
SBVS256A – MAY 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS7A19
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
The absolute maximum rating is VIN + 0.3 V or 22 V, whichever is lower.
(4)
The voltage at the DELAY pin must be lower than the VIN voltage.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range –40°C to 125°C(unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage(2)
Input
IN, EN
–0.3
45
V
Output
OUT(3)
–0.3
VIN + 0.3
DELAY(4)
–0.3
45
FB, PG
–0.3
22
Current
Peak output
Internally limited
Temperature
Operating junction, TJ
–40
150
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input supply voltage
4
40
V
VOUT
Output voltage
1.5
18
V
VEN
Enable voltage
0
40
V
TJ
Operating junction temperature
–40
125
°C
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS7A19
UNIT
DRB (VSON)
8 PINS
RθJA
Junction-to-ambient thermal resistance
48
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.3
°C/W
RθJB
Junction-to-board thermal resistance
22.4
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
22.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.6
°C/W


Numéro de pièce similaire - TPS7A1901DRBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10 TI1-TPS7A10 Datasheet
2Mb / 34P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10 TI1-TPS7A10 Datasheet
2Mb / 35P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10 TI1-TPS7A10 Datasheet
2Mb / 36P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A1006PDSER TI1-TPS7A1006PDSER Datasheet
2Mb / 35P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
More results

Description similaire - TPS7A1901DRBT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV4290 ONSEMI-NCV4290 Datasheet
162Kb / 15P
   5.0 V, 450 mA Low-Dropout Voltage Regulator with Power Good
August, 2012 ??Rev. 0
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7A25 TI1-TPS7A25_19 Datasheet
884Kb / 21P
[Old version datasheet]   300-mA, 18-V, ultra-low-IQ, low-dropout linear voltage regulator with power good
TPS7A26 TI1-TPS7A26 Datasheet
840Kb / 18P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A26_1903 TI1-TPS7A26_1903 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A26 TI1-TPS7A26_19 Datasheet
1,009Kb / 22P
[Old version datasheet]   500-mA, 18-V, Ultra-Low IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A25 TI1-TPS7A25 Datasheet
833Kb / 18P
[Old version datasheet]   300-mA, 18-V, Ultra-Low-IQ, Low Dropout Linear Voltage Regulator With Power Good
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
logo
ON Semiconductor
NCP187 ONSEMI-NCP187 Datasheet
320Kb / 10P
   Voltage Regulator - Low Iq, Low Dropout, Power Good Output
August, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com