Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS-4-22XTC Fiches technique(PDF) 5 Page - Copal Electronics

No de pièce CS-4-22XTC
Description  ROTARY SELECTOR SWITCHES (SMD)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-4-22XTC Fiches technique(HTML) 5 Page - Copal Electronics

  CS-4-22XTC Datasheet HTML 1Page - Copal Electronics CS-4-22XTC Datasheet HTML 2Page - Copal Electronics CS-4-22XTC Datasheet HTML 3Page - Copal Electronics CS-4-22XTC Datasheet HTML 4Page - Copal Electronics CS-4-22XTC Datasheet HTML 5Page - Copal Electronics CS-4-22XTC Datasheet HTML 6Page - Copal Electronics CS-4-22XTC Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
1.3
6 – 0.5
t = 0.15
1.3
C
1
1
2
2
C
0.6 W
× 2.3 L × 0.5 D
Production date code
2.3
1.3
6 – 0.5
t = 0.15
1.3
C
1
1
2
2
C
5
2.3
0.6 W
× 2.3 L × 0.5 D
Production date code
2
0
1.6
2.35
1.6
2
0
1.6
2.35
1.6
2
0
1.3
0.6
1.3
2
0
1.3
0.6
1.3
0
1.3
0.6
1.3
0
1.3
0.6
1.3
CS-4
ROTARY SELECTOR SWITCHES (SMD)
O CS-4-12YB
O CS-4-12XB
O CS-4-22YA
O CS-4-12YA
O CS-4-12XA
O CS-4-13NA
O CS-4-14NA
O CS-4-22YA
O CS-4-13NB
O CS-4-14NB
O CS-4-22YB
O CS-4-22YB
(Unit: mm)
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
Note) The zero point is the center of mounting.
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)


Numéro de pièce similaire - CS-4-22XTC

FabricantNo de pièceFiches techniqueDescription
logo
Coilcraft lnc.
CS-4-22YA COILCRAFT-CS-4-22YA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
CS-4-22YB COILCRAFT-CS-4-22YB Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
CS-4-22YTA COILCRAFT-CS-4-22YTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
CS-4-22YTB COILCRAFT-CS-4-22YTB Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results

Description similaire - CS-4-22XTC

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com