Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS76801QPWPRQ1 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS76801QPWPRQ1
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76801QPWPRQ1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS76801QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS76801QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS76801QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS76801QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS76801QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS76801QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS76801QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS76801QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS76801QPWPRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPS76815-Q1, TPS76818-Q1, TPS76825-Q1, TPS76827-Q1
TPS76828-Q1, TPS76830-Q1 TPS76833-Q1, TPS76850-Q1, TPS76801-Q1
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
SGLS155A − FEBRUARY 2003 − REVISED SEPTEMBER 2008
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid PG
IO(PG) = 300 µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
PG
Hysteresis voltage
Measured at VO
0.5
%VO
PG
Output low voltage
VI = 2.7 V,
IO(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
Input current (EN)
EN = 0 V
−1
0
1
A
Input current (EN)
EN = VI
−1
1
µA
TPS76828
IO = 1 A,
TJ = 25°C
500
TPS76828
IO = 1 A,
TJ = −40°C to 125°C
825
TPS76830
IO = 1 A,
TJ = 25°C
450
Dropout voltage
TPS76830
IO = 1 A,
TJ = −40°C to 125°C
675
mV
Dropout voltage
(see Note 4)
TPS76833
IO = 1 A,
TJ = 25°C
350
mV
TPS76833
IO = 1 A,
TJ = −40°C to 125°C
575
TPS76850
IO = 1 A,
TJ = 25°C
230
TPS76850
IO = 1 A,
TJ = −40°C to 125°C
380
NOTE 4: IN voltage equals VO(typ) − 100 mV; TPS76801 output voltage set to 3.3 V nominal with external resistor divider. TPS76815, TPS76818,
TPS76825, and TPS76827 dropout voltage limited by input voltage range limitations (i.e., TPS76830 input voltage needs to drop to
2.9 V for purpose of this test).
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
V
Output voltage
vs Output current
2, 3, 4
VO
Output voltage
vs Free-air temperature
5, 6, 7
Ground current
vs Free-air temperature
8, 9
Power supply ripple rejection
vs Frequency
10
Output spectral noise density
vs Frequency
11
Input voltage (min)
vs Output voltage
12
Zo
Output impedance
vs Frequency
13
VDO
Dropout voltage
vs Free-air temperature
14
Line transient response
15, 17
Load transient response
16, 18
VO
Output voltage
vs Time
19
Dropout voltage
vs Input voltage
20
Equivalent series resistance (ESR)
vs Output current
22 − 25


Numéro de pièce similaire - TPS76801QPWPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS76801QPWPRQ1 TI-TPS76801QPWPRQ1 Datasheet
360Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801QPWPRQ1 TI1-TPS76801QPWPRQ1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Description similaire - TPS76801QPWPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com