Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS74901RGWR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS74901RGWR
Description  3-A Low Dropout Linear Regulator With Programmable Soft-Start
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74901RGWR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS74901RGWR Datasheet HTML 5Page - Texas Instruments TPS74901RGWR Datasheet HTML 6Page - Texas Instruments TPS74901RGWR Datasheet HTML 7Page - Texas Instruments TPS74901RGWR Datasheet HTML 8Page - Texas Instruments TPS74901RGWR Datasheet HTML 9Page - Texas Instruments TPS74901RGWR Datasheet HTML 10Page - Texas Instruments TPS74901RGWR Datasheet HTML 11Page - Texas Instruments TPS74901RGWR Datasheet HTML 12Page - Texas Instruments TPS74901RGWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
1.0
2.0
2.5
1.5
3.0
3.5
4.0
4.5
V
BIAS
OUT
- V
(V)
5.0
+125 C
°
-
°
40 C
+25 C
°
V
=0.8V
OUT
DrivecapabilityofoutputFETlimits
I
whenV
V
isunder2.0V.
OUT
BIAS
OUT
-
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
12
PGCurrent(mA)
500
475
450
425
400
375
350
325
300
-50
-25
0
25
50
75
100
JunctionTemperature( C)
°
125
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
1.0
1.5
0.5
2.0
2.5
I
(A)
OUT
3.0
+125 C
°
+25 C
°
-
°
40 C
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
(V)
BIAS
5.5
+125 C
°
+25 C
°
-
°
40 C
9
TPS74901
www.ti.com
SBVS082I – JUNE 2007 – REVISED MAY 2016
Product Folder Links: TPS74901
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Characteristics: IOUT = 50 mA (continued)
At TJ = 25°C, VIN = VOUT(TYP) + 0.3 V, VBIAS = 5 V, IOUT = 50 mA, VEN = VIN, CIN = 1 µF, CBIAS = 4.7 µF, and COUT = 10 µF,
unless otherwise noted.
Figure 13. BIAS Pin Current vs IOUT and Temperature (TJ)
Figure 14. BIAS Pin Current vs VBIAS and Temperature (TJ)
Figure 15. Soft-Start Charging Current (ISS) vs
Temperature (TJ)
Figure 16. Low-Level PG Voltage vs Current
Figure 17. Current Limit vs (VBIAS – VOUT)


Numéro de pièce similaire - TPS74901RGWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74901RGWR TI-TPS74901RGWR Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901RGWR TI-TPS74901RGWR Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901RGWR TI1-TPS74901RGWR Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901RGWR TI-TPS74901RGWR Datasheet
3Mb / 45P
[Old version datasheet]   TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74901RGWRG4 TI-TPS74901RGWRG4 Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
More results

Description similaire - TPS74901RGWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74901 TI-TPS74901_V01 Datasheet
3Mb / 45P
[Old version datasheet]   TPS74901 3-A, Low Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Texas Instruments
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com