Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS73719-Q1 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS73719-Q1
Description  1-A Low-Dropout Regulator With Reverse Current Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73719-Q1 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS73719-Q1_16 Datasheet HTML 1Page - Texas Instruments TPS73719-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS73719-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS73719-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS73719-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS73719-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS73719-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS73719-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS73719-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Not to scale
Pad
1
OUT
8
IN
2
NC
7
NC
3
FB,NR
6
NC
4
GND
5
EN
3
TPS73719-Q1, TPS73733-Q1
www.ti.com
SBVS123A – DECEMBER 2008 – REVISED JULY 2016
Product Folder Links: TPS73719-Q1 TPS73733-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRB Package
8-Pin VSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
5
I
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
shutdown mode. See Enable Pin and Shutdown for more details. EN must not be left floating and can be
connected to IN if not used.
FB
3
I
Adjustable voltage version only. This is the input to the control loop error amplifier, and it is used to set
the output voltage of the device.
GND
4, Pad
G
Ground
IN
8
I
Unregulated input supply
NR
3
Fixed voltage versions only. Connecting an external capacitor to this pin bypasses noise generated by
the internal bandgap, reducing output noise to very low levels.
OUT
1
O
Regulator output. A 1-µF or larger capacitor of any type is required for stability.
NC
2, 6, 7
No internal connection


Numéro de pièce similaire - TPS73719-Q1_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
More results

Description similaire - TPS73719-Q1_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com