Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71025DG4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS71025DG4
Description  LOW-DROPOUT VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71025DG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS71025DG4 Datasheet HTML 7Page - Texas Instruments TPS71025DG4 Datasheet HTML 8Page - Texas Instruments TPS71025DG4 Datasheet HTML 9Page - Texas Instruments TPS71025DG4 Datasheet HTML 10Page - Texas Instruments TPS71025DG4 Datasheet HTML 11Page - Texas Instruments TPS71025DG4 Datasheet HTML 12Page - Texas Instruments TPS71025DG4 Datasheet HTML 13Page - Texas Instruments TPS71025DG4 Datasheet HTML 14Page - Texas Instruments TPS71025DG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPS71025
LOW-DROPOUT VOLTAGE REGULATOR
SLVS162A – MAY 1997 – REVISED MAY 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
In response to system-miniaturization trends, integrated circuits are being offered in low-profile and fine-pitch
surface-mount packages. Implementation of many of today’s high-performance devices in these packages
requires special attention to power dissipation. Many system-dependent issues such as thermal coupling,
airflow, added heat sinks and convection surfaces, and the presence of other heat-generating components
affect the power-dissipation limits of a given component.
Three basic approaches for enhancing thermal performance are illustrated in this discussion:
D Improving the power-dissipation capability of the PWB design
D Improving the thermal coupling of the component to the PWB
D Introducing airflow in the system
Figure 16 is an example of a thermally enhanced PWB layout for the 20-lead TSSOP package. This layout
involves adding copper on the PWB to conduct heat away from the device. The RθJA for this component/board
system is illustrated in Figure 17. The family of curves illustrates the effect of increasing the size of the
copper-heat-sink surface area. The PWB is a standard FR4 board (L
× W × H = 3.2 inch × 3.2 inch × 0.062 inch);
the board traces and heat sink area are 1-oz (per square foot) copper.
Copper Heat Sink
1 oz Copper
Figure 16. Thermally Enhanced PWB Layout (Not to Scale) for the 20-Pin TSSOP
Figure 18 shows the thermal resistance for the same system with the addition of a thermally conductive
compound between the body of the TSSOP package and the PWB copper routed directly beneath the device.
The thermal conductivity for the compound used in this analysis is 0.815 W/m
× °C.


Numéro de pièce similaire - TPS71025DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71025D TI-TPS71025D Datasheet
308Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATOR
More results

Description similaire - TPS71025DG4

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com