Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS68000 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS68000
Description  HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS68000 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS68000_13 Datasheet HTML 2Page - Texas Instruments TPS68000_13 Datasheet HTML 3Page - Texas Instruments TPS68000_13 Datasheet HTML 4Page - Texas Instruments TPS68000_13 Datasheet HTML 5Page - Texas Instruments TPS68000_13 Datasheet HTML 6Page - Texas Instruments TPS68000_13 Datasheet HTML 7Page - Texas Instruments TPS68000_13 Datasheet HTML 8Page - Texas Instruments TPS68000_13 Datasheet HTML 9Page - Texas Instruments TPS68000_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Not Recommended for New Designs
TPS68000
SLVS524A – OCTOBER 2005 – REVISED FEBRUARY 2006
www.ti.com
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
PH
4
I
Phase delay programming input. A voltage between 0 V and 2 V applied to that pin programs the
phase delay of the operating frequency compared to the synchronizing frequency. Applying V5 (5.0
V) programs the device as a master regarding the main oscillator frequency (see SYNC). The
voltage applied to that pin is also used to determine the phase delay in a distributed dimming
configuration
SA
28
Source connection of switch A
SC
18
Source connection of switch C
SET
2
I
Operating frequency programming input. A resistor connected to this pin programs the internal
operating frequency.
STC
3
I
Startup capacitor. A capacitor connected to that pin determines the the time the device waits in
voltage regulation for the lamp to strike.
SYNC
1
I/O
Synchronization input or operating frequency output. If the device is configured as master (see PH)
the pin is used to provide the synchronization frequency for the slaves. Otherwise the device works
as slave and uses the applied frequency at that pin for synchronizing the operating frequency.
V5
23
I/O
Input/Output of the internal 5 V regulator for gate drive supply and control supply. A capacitor must
be connected to that pin to decouple switching noise caused by the gate drivers.
V5A
26
O
Supply input for the gate driver of the high-side switch A. A capacitor must be connected to that pin
to supply the gate driver during switching (bootstrap).
V5C
20
O
Supply input for the gate driver of the high side switch C. A capacitor must be connected to that pin
to supply the gate driver during switching (bootstrap).
VA-
10
I
Voltage amplifier negative input. This input is used to connect the compensation capacitor for
compensating the voltage loop.
VAO
9
O
Voltage amplifier output. This is the output for the voltage amplifier. It is used to connect the
compensation capacitor for the voltage loop.
VCC
24
I
Device supply voltage input. VCC must be connected to V5 in case the device is powered directly
from a regulated 5 V rail.
VREF
30
O
Voltage reference. Output of the internal 3.3 V reference for use with all the analog control inputs.
VSEN
11
I
Voltage sense. Measuring input for the lamp voltage. This voltage is used for lamp voltage
regulation (open lamp regulation) and overvoltage protection. Sensed AC voltages can be applied
directly. They are rectified internally.
6
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: TPS68000


Numéro de pièce similaire - TPS68000_13

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS68000DBT TI-TPS68000DBT Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000DBTR TI-TPS68000DBTR Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results

Description similaire - TPS68000_13

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS68000 TI-TPS68000 Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
   Full Bridge CCFL Controller
logo
Microsemi Corporation
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
   Full Bridge Resonant CCFL Controller
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
   Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
   Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
   TM Full Bridge Resonant CCFL Controller
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
   Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com