Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65982ABZQZR Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS65982ABZQZR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZQZR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS65982ABZQZR Datasheet HTML 6Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 7Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 8Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 9Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 10Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 11Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 12Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 13Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
10
TPS65982
SLVSD02C – MARCH 2015 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
All voltage values are with respect to network GND. All GND pins must be connected directly to the GND plane of the board.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
Input voltage
range(1)
VIN_3V3
2.85
3.45
V
PP_5V0
4.75
5.5
PP_CABLE
2.95
5.5
PP_HV
4.5
22
VDDIO
1.7
3.45
VIO
I/O voltage
range(1)
VBUS
4
22
V
C_USB_PT, C_USB_NT, C_USB_PB, C_USB_NB, C_SBU1, C_SBU2
–2
5.5
C_CC1, C_CC2
0
5.5
TA
Ambient operating temperature range
–10
85
°C
TB
Operating board temperature range
–10
100
°C
TJ
Operating junction temperature range
–10
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS65982
UNIT
ZQZ (BGA)
96 BALLS
RθJA
Junction-to-ambient thermal resistance
42.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
12.4
°C/W
RθJB
Junction-to-board thermal resistance
13
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
13
°C/W


Numéro de pièce similaire - TPS65982ABZQZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65982ABZQZR TI1-TPS65982ABZQZR Datasheet
3Mb / 121P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
More results

Description similaire - TPS65982ABZQZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65983B TI1-TPS65983B_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983 TI1-TPS65983 Datasheet
2Mb / 114P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65981 TI1-TPS65981_16 Datasheet
2Mb / 98P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982_J1 TI1-TPS65982_J1 Datasheet
3Mb / 121P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65982 TI1-TPS65982_19 Datasheet
2Mb / 113P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65983B TI1-TPS65983B_18 Datasheet
2Mb / 120P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982 TI-TPS65982 Datasheet
3Mb / 114P
[Old version datasheet]   TPS65982 USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com