Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65980RHFR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65980RHFR
Description  Thunderbolt Bus Power Buck/Boost
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65980RHFR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS65980RHFR Datasheet HTML 7Page - Texas Instruments TPS65980RHFR Datasheet HTML 8Page - Texas Instruments TPS65980RHFR Datasheet HTML 9Page - Texas Instruments TPS65980RHFR Datasheet HTML 10Page - Texas Instruments TPS65980RHFR Datasheet HTML 11Page - Texas Instruments TPS65980RHFR Datasheet HTML 12Page - Texas Instruments TPS65980RHFR Datasheet HTML 13Page - Texas Instruments TPS65980RHFR Datasheet HTML 14Page - Texas Instruments TPS65980RHFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
VTBT_IN - V
5
6
7
8
9
10
11
12
13
14
15
16
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
D009
500mA
1A
2A
3A
3.5A
ICBL_OUT - A
-0.2
0.2
0.6
1
1.4
1.8
2.2
2.6
0
0.5
1
1.5
2
2.5
3
3.5
4
D007
ICBL_OUT - A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
D008
TPS65980
www.ti.com
SLVSCK1A – APRIL 2014 – REVISED APRIL 2014
Typical Characteristics (continued)
VIN = 12V
CBL_ILIMIT = 1
VIN = 12V
CBL_ILIMIT = 0
Figure 10. CBL_OUT Load Regulation
Figure 11. CBL_OUT Load Regulation
Figure 12. TBT_OUT Line Regulation
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65980


Numéro de pièce similaire - TPS65980RHFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
TPS65981 TI1-TPS65981 Datasheet
2Mb / 98P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
2Mb / 98P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65981ABIRTQR TI1-TPS65981ABIRTQR Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
More results

Description similaire - TPS65980RHFR

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
logo
Linear Technology
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
   36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
logo
Microsemi Corporation
APTC60BBM24T3G MICROSEMI-APTC60BBM24T3G Datasheet
571Kb / 8P
   Boost buck chopper MOSFET Power Module
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
THine Electronics, Inc.
THV1022J THINE-THV1022J Datasheet
18Kb / 1P
   2ch Boost/Buck
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com