Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65262 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65262
Description  2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65262 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS65262 Datasheet HTML 7Page - Texas Instruments TPS65262 Datasheet HTML 8Page - Texas Instruments TPS65262 Datasheet HTML 9Page - Texas Instruments TPS65262 Datasheet HTML 10Page - Texas Instruments TPS65262 Datasheet HTML 11Page - Texas Instruments TPS65262 Datasheet HTML 12Page - Texas Instruments TPS65262 Datasheet HTML 13Page - Texas Instruments TPS65262 Datasheet HTML 14Page - Texas Instruments TPS65262 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Junction Temperature, TJ (°C)
-30
-10
10
30
50
70
90
110
130
2.7
2.9
3.1
3.3
3.5
D019
Junction Temperature, TJ (°C)
-30
-10
10
30
50
70
90
110
130
2.7
2.9
3.1
3.3
3.5
D020
11
TPS65266-1
www.ti.com
SLVSDA6 – OCTOBER 2016
Product Folder Links: TPS65266-1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VIN = 5 V, VOUT1 = 1.0 V, VOUT2 = 1.5 V, VOUT3 = 1.8 V FSW = 1 MHz (unless otherwise noted)
VIN = 5 V
Figure 19. Buck2 High-Side Current Limit vs Temperature
VIN = 5 V
Figure 20. Buck3 High-Side Current Limit vs Temperature


Numéro de pièce similaire - TPS65262

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65262 TI-TPS65262 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65262 TI1-TPS65262 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65262 TI1-TPS65262 Datasheet
3Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 200-mA/100-mA LDOs
TPS65262-1 TI1-TPS65262-1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1RHBR TI1-TPS65262-1RHBR Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
More results

Description similaire - TPS65262

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS628501 TI-TPS628501_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com