Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS76730QPWPR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS76730QPWPR
Description  Fast-Transient-Response 1-A Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76730QPWPR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS76730QPWPR Datasheet HTML 4Page - Texas Instruments TPS76730QPWPR Datasheet HTML 5Page - Texas Instruments TPS76730QPWPR Datasheet HTML 6Page - Texas Instruments TPS76730QPWPR Datasheet HTML 7Page - Texas Instruments TPS76730QPWPR Datasheet HTML 8Page - Texas Instruments TPS76730QPWPR Datasheet HTML 9Page - Texas Instruments TPS76730QPWPR Datasheet HTML 10Page - Texas Instruments TPS76730QPWPR Datasheet HTML 11Page - Texas Instruments TPS76730QPWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
IO − Output Current − A
1.4975
1.4960
1.4950
1.4970
1.4965
1.4955
1.4985
1.4980
0.1
0.3
0.2
0.8
1
0
0.9
0.4
0.5
0.6 0.7
IO − Output Current − A
3.2830
3.2815
3.2800
0.1
0.3
3.2825
3.2820
3.2810
0.2
0.8
1
3.2835
0
0.9
3.2805
0.4
0.5
0.6 0.7
TPS767
SLVS208J – MAY 1999 – REVISED AUGUST 2015
www.ti.com
7.6 Typical Characteristics
Table 1. Table of Graphs
FIGURE
vs Output current
Figure 2, Figure 3, Figure 4
VO
Output voltage
vs Free-air temperature
Figure 5, Figure 6, Figure 7
Ground current
vs Free-air temperature
Figure 8, Figure 9
Power supply ripple rejection
vs Frequency
Figure 10
Output spectral noise density
vs Frequency
Figure 11
Input voltage (min)
vs Output voltage
Figure 12
Zo
Output impedance
vs Frequency
Figure 13
VDO
Dropout voltage
vs Free-air temperature
Figure 14
Line transient response
Figure 15, Figure 16
Load transient response
Figure 17, Figure 18
VO
Output voltage
vs Time
Figure 19
Dropout voltage
vs Input voltage
Figure 20
Equivalent series resistance (ESR)(1)
vs Output current
Figure 21–Figure 24
(1)
Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any series resistance added
externally, and PWB trace resistance to Co.
VI = 4.3 V
TA = 25°C
VI = 2.7 V
TA = 25°C
Figure 2. TPS76733 Output Voltage vs Output Current
Figure 3. TPS76715 Output Voltage vs Output Current
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated


Numéro de pièce similaire - TPS76730QPWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS76730QPWPR TI-TPS76730QPWPR Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS76730QPWPRG4 TI-TPS76730QPWPRG4 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
More results

Description similaire - TPS76730QPWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com