Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA1-3R312LF Fiches technique(PDF) 14 Page - Bothhand USA, LP.

No de pièce SA1-3R312LF
Description  1 Watt SMD O/P DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA1-3R312LF Fiches technique(HTML) 14 Page - Bothhand USA, LP.

Back Button SA1-3R312LF Datasheet HTML 7Page - Bothhand USA, LP. SA1-3R312LF Datasheet HTML 8Page - Bothhand USA, LP. SA1-3R312LF Datasheet HTML 9Page - Bothhand USA, LP. SA1-3R312LF Datasheet HTML 10Page - Bothhand USA, LP. SA1-3R312LF Datasheet HTML 11Page - Bothhand USA, LP. SA1-3R312LF Datasheet HTML 12Page - Bothhand USA, LP. SA1-3R312LF Datasheet HTML 13Page - Bothhand USA, LP. SA1-3R312LF Datasheet HTML 14Page - Bothhand USA, LP. SA1-3R312LF Datasheet HTML 15Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Bothhand Enterprise
Inc.
SA1 LF Series
1 Watt SMD Single O/P DC-DC Converter
Single
Single
Single
Single and Dual
and Dual
and Dual
and Dual Output
Output
Output
Output
14
www.bothhand.com.tw
E-mail: sales@bothhand.com.tw
Output Ripple&Noise measurement test circuit: as shown below.
Co: usually 0.47uF.
1. Temperature derating curve: The DC-DC converter will operate over a wider temperature
range if less power is drawn from the output and the device is already running. The
temperature derating curve shows the operating power-temperature range. As shown below.
10. Switching frequency: The nominal operating frequency of the DC-DC converters.
11.Input to output isolation: The dielectric breakdown strength test between input and output
circuits. This is the isolation voltage the device is capable of withstanding for a specified
time, usually 1 second or 1 minute.
Output
Power
(%)
Ambient Temp.TA ( ℃
℃)
Output
Power
(%)
Output
Power
(%)
Ambient Temp.TA ( ℃
℃)
Load
DC/DC
converter
Oscilloscope
Copper strip
Copper strip
Co
Load
DC/DC
converter
Oscilloscope
Copper strip
Copper strip
Load
DC/DC
converter
Oscilloscope
Copper strip
Copper strip
Co
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120


Numéro de pièce similaire - SA1-3R312LF

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
SA1-3R312LF BOTHHAND-SA1-3R312LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
More results

Description similaire - SA1-3R312LF

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
SA1LF BOTHHAND-SA1LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com