Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS6735IPE4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS6735IPE4
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6735IPE4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS6735IPE4 Datasheet HTML 5Page - Texas Instruments TPS6735IPE4 Datasheet HTML 6Page - Texas Instruments TPS6735IPE4 Datasheet HTML 7Page - Texas Instruments TPS6735IPE4 Datasheet HTML 8Page - Texas Instruments TPS6735IPE4 Datasheet HTML 9Page - Texas Instruments TPS6735IPE4 Datasheet HTML 10Page - Texas Instruments TPS6735IPE4 Datasheet HTML 11Page - Texas Instruments TPS6735IPE4 Datasheet HTML 12Page - Texas Instruments TPS6735IPE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TPS6735
FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER
SLVS141A − JULY 1996 − REVISED JANUARY 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
4
2
0
0
− 2
− 4
− 6
VI = 5 V
VO = −5 V
IO = 100 mA
2.5 ms/div
t − Time − s
Figure 6. Enable Response Time
system typical characteristics
Figure 7
EFFICIENCY
vs
LOAD CURRENT
IL − Load Current − mA
TA = 25°C
(see Figure 15)
74
72
70
68
50
100
150
200
76
78
80
250
300
VI = 4 V
VI = 5 V
VI = 6 V
Figure 8
IL − Load Current − mA
1
0.6
0.2
0
0
50
100
150
200
1.2
1.4
PEAK INDUCTOR CURRENT
vs
LOAD CURRENT
1.8
250
300
350
VI = 5 V
(see Figure 15)
1.6
0.8
0.4


Numéro de pièce similaire - TPS6735IPE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735 TI-TPS6735 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS6735D TI-TPS6735D Datasheet
306Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735P TI-TPS6735P Datasheet
306Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
More results

Description similaire - TPS6735IPE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SLVS141A TI1-SLVS141A Datasheet
366Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Analog Devices
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
logo
Texas Instruments
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
   1.0MHz Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com