Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS255xD Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS255xD
Description  Precision Adjustable Current-Limited Power-Distribution Switches
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS255xD Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS255xD Datasheet HTML 7Page - Texas Instruments TPS255xD Datasheet HTML 8Page - Texas Instruments TPS255xD Datasheet HTML 9Page - Texas Instruments TPS255xD Datasheet HTML 10Page - Texas Instruments TPS255xD Datasheet HTML 11Page - Texas Instruments TPS255xD Datasheet HTML 12Page - Texas Instruments TPS255xD Datasheet HTML 13Page - Texas Instruments TPS255xD Datasheet HTML 14Page - Texas Instruments TPS255xD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
t
IOS
I
OS
I
OUT
R L
C L
OUT
TESTCIRCUIT
10
90%
10
90%
V
OUT
t
on
t
off
10
90%
50
50%
V
EN
toff
50%
50%
10%
90%
VOLTAGEWAVEFORMS
t
r
t
f
%
%
%
%
V
OUT
V
EN
V
OUT
t
on
t
off
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
700
800
900
1000
V
-V
-100mV/div
IN
OUT
T
=25°C
A
T
=125°C
A
V
=6.5V,
R
=200k
IN
ILIM
W
T
=-40°C
A
11
TPS2552D, TPS2553D
www.ti.com
SLVSDL7 – SEPTEMBER 2016
Product Folder Links: TPS2552D TPS2553D
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 19. Switch Current Vs. Drain-Source Voltage Across Switch
8 Parameter Measurement Information
Figure 20. Test Circuit and Voltage Waveforms
Figure 21. Response Time to Short Circuit Waveform


Numéro de pièce similaire - TPS255xD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS255x-Q1 TI1-TPS255x-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS255XX TI1-TPS255XX Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results

Description similaire - TPS255xD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com