Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71401DRVT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS71401DRVT
Description  80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71401DRVT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS71401DRVT Datasheet HTML 2Page - Texas Instruments TPS71401DRVT Datasheet HTML 3Page - Texas Instruments TPS71401DRVT Datasheet HTML 4Page - Texas Instruments TPS71401DRVT Datasheet HTML 5Page - Texas Instruments TPS71401DRVT Datasheet HTML 6Page - Texas Instruments TPS71401DRVT Datasheet HTML 7Page - Texas Instruments TPS71401DRVT Datasheet HTML 8Page - Texas Instruments TPS71401DRVT Datasheet HTML 9Page - Texas Instruments TPS71401DRVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
T
JunctionTemperature
J -
- C
°
1000
900
800
700
600
500
400
300
200
100
0
V
IN =4.3V
I
OUT =80mA
I
OUT =10mA
-40 -25 -10 5 20 35 50 65 80 95 110 125
I
OUT - Current Limit - mA
0
100
200
300
400
500
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
V
IN =4.3V
V
OUT =3.3V
f - Frequency - Hz
0
80
50
10
70
20
30
60
VIN = 4.3V
VOUT = 3.3V
COUT =10mF
TJ = +25°C
IOUT = 1mA
100
1M
10
1k
10k
100k
10M
IOUT = 50mA
40
90
100
t - Time - ms
-
0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
4.5
4.0
100
50
0
200
0
-
200
V
IN =4.3V
V
OUT =3.3V
C
OUT =10mF
0
150
100
50
200 250
350
300
400 450 500
5.3
VOUT = 3.3V
IOUT = 50mA
COUT =10mF
4.3
100
50
0
-
50
t - Time - ms
VIN
VOUT
VOUT = 3.3V
RL =66W
COUT =10mF
8
7
6
5
4
3
2
1
0
t
Time
ms
-
-
0
2
4
6
8
10
12 14 16 18
20
TPS714xx
SBVS116C
– DECEMBER 2008 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, unless otherwise noted.
TPS71433
TPS71433
TPS71433
POWER-SUPPLY RIPPLE
DROPOUT VOLTAGE
VOUT
REJECTION
vs
vs
vs
JUNCTION TEMPERATURE
CURRENT LIMIT
FREQUENCY
Figure 9.
Figure 10.
Figure 11.
TPS71433
TPS71433
TPS71433
POWER-UP/POWER-DOWN
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 12.
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS71401DRVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71401DRVT TI-TPS71401DRVT Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71401DRVT TI1-TPS71401DRVT Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
TPS71401DRVT TI1-TPS71401DRVT Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results

Description similaire - TPS71401DRVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71433DCKR TI1-TPS71433DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Texas Instruments
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
logo
Shenzhen Huazhimei Semi...
HM53XXB HMSEMI-HM53XXB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
HM53XXAB HMSEMI-HM53XXAB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
logo
Texas Instruments
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com