Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS714XX Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS714XX
Description  80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS714XX Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS714XX Datasheet HTML 4Page - Texas Instruments TPS714XX Datasheet HTML 5Page - Texas Instruments TPS714XX Datasheet HTML 6Page - Texas Instruments TPS714XX Datasheet HTML 7Page - Texas Instruments TPS714XX Datasheet HTML 8Page - Texas Instruments TPS714XX Datasheet HTML 9Page - Texas Instruments TPS714XX Datasheet HTML 10Page - Texas Instruments TPS714XX Datasheet HTML 11Page - Texas Instruments TPS714XX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
V
OUT + VREF
1 )
R1
R2
R1 +
V
OUT
V
REF
* 1
R2
OUTPUTVOLTAGE
PROGRAMMINGGUIDE
OUTPUT
VOLTAGE
R1
R2
1.8V
2.8V
5.0V
392MW
1.07MW
2.55MW
806kW
806kW
806kW
V
IN
FB
GND
IN
0.1 F
m
TPS71401
OUT
0.47 F
m
V
OUT
R1
R2
TPS714xx
SBVS116C
– DECEMBER 2008 – REVISED MARCH 2011
www.ti.com
Programming the TPS71401 Adjustable LDO Regulator
The output voltage of the TPS71401 adjustable regulator is programmed using an external resistor divider as
shown in Figure 16. The output voltage is calculated using Equation 3:
(3)
where:
VREF = 1.20V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately a 1.5
μA divider current. Lower value resistors can be
used for improved noise performance, but the solution consumes more power. Higher resistor values should be
avoided because leakage current out of the FB pin across R1/R2 creates an offset voltage that artificially
increases the feedback voltage and thus erroneously decreases VOUT. The recommended design procedure is to
choose R2 = 1M
Ω to set the divider current at 1.5μA, and then calculate R1 using Equation 4:
(4)
Figure 16. TPS71401 Adjustable LDO Regulator Programming
8
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS714XX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS714 TI1-TPS714 Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71401DCKR TI1-TPS71401DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
TPS71401DCKR TI1-TPS71401DCKR Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS71401DCKT TI1-TPS71401DCKT Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
More results

Description similaire - TPS714XX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71433DCKR TI1-TPS71433DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Texas Instruments
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
logo
Shenzhen Huazhimei Semi...
HM53XXB HMSEMI-HM53XXB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
HM53XXAB HMSEMI-HM53XXAB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
logo
Texas Instruments
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com