Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS73HD318 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS73HD318
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73HD318 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS73HD318 Datasheet HTML 7Page - Texas Instruments TPS73HD318 Datasheet HTML 8Page - Texas Instruments TPS73HD318 Datasheet HTML 9Page - Texas Instruments TPS73HD318 Datasheet HTML 10Page - Texas Instruments TPS73HD318 Datasheet HTML 11Page - Texas Instruments TPS73HD318 Datasheet HTML 12Page - Texas Instruments TPS73HD318 Datasheet HTML 13Page - Texas Instruments TPS73HD318 Datasheet HTML 14Page - Texas Instruments TPS73HD318 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TPS73HD301, TPS73HD318, TPS73HD325
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SLVS167C − SEPTEMBER 1998 − REVISED − MAY 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
QUEISCENT CURRENT
vs
LOAD CURRENT
400
350
250
200
150
100
300
0
200
400
600
800
450
500
50
0
VI = 4.3 V
IO − Load Current − mA
3.3-V Regulator
Adjustable With VO
Programmed to 2.5 V
Figure 4
QUIESCENT CURRENT
vs
INPUT VOLTAGE
VI − Input Voltage − V
200
150
50
0
01
2
3
45
6
250
350
500
78
9
10
100
300
3.3-V Regulator
TA = 25°C
IO = 500 mA
Adjustable With VO
Programmed to 2.5 V
400
450
Figure 5
ADJUSTABLE REGULATOR DROPOUT VOLTAGE
vs
LOAD CURRENT
0.4
0.3
0.1
0.2
0
100
200
300
400
0.5
0.6
0
Load Current − mA
500
600
700
TA = 125°C
TA = 25°C
TA = −40°C
Figure 6
3.3−V REGULATOR DROPOUT VOLTAGE
vs
LOAD CURRENT
0
100
200
300
400
Load Current − mA
500
600
700
TA = 125°C
TA = 25°C
TA = −40°C
0.4
0.3
0.1
0.2
0.5
0.6
0


Numéro de pièce similaire - TPS73HD318

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73HD318 TI-TPS73HD318 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD318PWP TI-TPS73HD318PWP Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD318PWPR TI-TPS73HD318PWPR Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Description similaire - TPS73HD318

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com