Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SN7407J Datasheet(Fiches technique) 3 Page - Texas Instruments

Numéro de pièce SN7407J
Description  Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN7407J Datasheet(HTML) 3 Page - Texas Instruments

  SN7407J Datenblatt HTML 1Page - Texas Instruments SN7407J Datenblatt HTML 2Page - Texas Instruments SN7407J Datasheet HTML 3Page - Texas Instruments SN7407J Datenblatt HTML 4Page - Texas Instruments SN7407J Datenblatt HTML 5Page - Texas Instruments SN7407J Datenblatt HTML 6Page - Texas Instruments SN7407J Datenblatt HTML 7Page - Texas Instruments SN7407J Datenblatt HTML 8Page - Texas Instruments SN7407J Datenblatt HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
4
2A
5
NC
6
2Y
7
NC
8
3A
14
5Y
15
NC
16
5A
17
NC
18
6Y
Not to scale
1
1A
14
VCC
2
1Y
13
6A
3
2A
12
6Y
4
2Y
11
5A
5
3A
10
5Y
6
3Y
9
4A
7
GND
8
4Y
Not to scale
3
SN5407, SN5417, SN7407, SN7417
www.ti.com
SDLS032H – DECEMBER 1983 – REVISED SEPTEMBER 2016
Product Folder Links: SN5407 SN5417 SN7407 SN7417
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, N, NS, J, or W Package
14-Pin SOIC, PDIP, CDIP, or CFP
Top View
FK Package
20-Pin LCCC
Top View
NC – No internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, PDIP,
CDIP, CFP
LCCC
1A
1
2
I
Input 1
1Y
2
3
O
Output 1
2A
3
4
I
Input 2
2Y
4
6
O
Output 2
3A
5
8
I
Input 3
3Y
6
9
O
Output 3
4A
9
13
I
Input 4
4Y
8
12
O
Output 4
5A
11
16
I
Input 5
5Y
10
14
O
Output 5
6A
13
19
I
Input 6
6Y
12
18
O
Output 6
GND
7
10
Ground Pin
NC
1, 5, 7, 11, 15,
17
No Connect
VCC
14
20
Power Pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn