Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SN7407DRG4 Datasheet(Fiches technique) 5 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce SN7407DRG4
Description  Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
Télécharger  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN7407DRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN7407DRG4 Datenblatt HTML 1Page - Texas Instruments SN7407DRG4 Datenblatt HTML 2Page - Texas Instruments SN7407DRG4 Datenblatt HTML 3Page - Texas Instruments SN7407DRG4 Datenblatt HTML 4Page - Texas Instruments SN7407DRG4 Datasheet HTML 5Page - Texas Instruments SN7407DRG4 Datenblatt HTML 6Page - Texas Instruments SN7407DRG4 Datenblatt HTML 7Page - Texas Instruments SN7407DRG4 Datenblatt HTML 8Page - Texas Instruments SN7407DRG4 Datenblatt HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
SN5407, SN5417, SN7407, SN7417
www.ti.com
SDLS032H – DECEMBER 1983 – REVISED SEPTEMBER 2016
Product Folder Links: SN5407 SN5417 SN7407 SN7417
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.4 Thermal Information
THERMAL METRIC(1)
SN7407
SN7417
UNIT
D (SOIC)
N (PDIP)
NS (SO)
D (SOIC)
N (PDIP)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance(2)
86.8
52.1
85.9
88.8
52.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.1
39.4
43.9
50.4
39.4
°C/W
RθJB
Junction-to-board thermal resistance
41
32
44.7
43
32
°C/W
ψJT
Junction-to-top characterization parameter
15.6
24.2
14.6
16.5
24.2
°C/W
ψJB
Junction-to-board characterization parameter
40.8
31.8
44.4
42.8
31.8
°C/W
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN, II = –12 mA
–1.5
V
VOL
Low-level output voltage
VCC = MIN,
VIL = 0.8 V
IOL = 16 mA
0.4
V
IOL = 30 mA, SN5407, SN5417
0.7
IOL = 40 mA, SN7407, SN7417
0.7
IOH
High-level output current
VCC = MIN,
VIH = 2 V
VOH = 30 V, SN5407, SN7407
0.25
mA
VOH = 15 V, SN5417, SN7417
0.25
II
Input current
VCC = MAX, VI = 5.5 V
1
mA
IIH
High-level input current
VCC = MAX, VIH = 2.4 V
40
µA
IIL
Low-level input current
VCC = MAX, VIL = 0.4 V
–1.6
mA
ICCH
High-level supply current
VCC = MAX
29
41
mA
ICCL
Low-level supply current
VCC = MAX
21
30
mA
6.6 Switching Characteristics
VCC = 5 V, TA = 25°C (see Figure 2)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 110 Ω, CL = 15 pF
6
10
ns
tPHL
20
30
tPLH
A
Y
RL = 150 Ω, CL = 50 pF
15
ns
tPHL
26


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn