Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65912x Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS65912x
Description  PMU for Processor Power
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65912x Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS65912x Datasheet HTML 4Page - Texas Instruments TPS65912x Datasheet HTML 5Page - Texas Instruments TPS65912x Datasheet HTML 6Page - Texas Instruments TPS65912x Datasheet HTML 7Page - Texas Instruments TPS65912x Datasheet HTML 8Page - Texas Instruments TPS65912x Datasheet HTML 9Page - Texas Instruments TPS65912x Datasheet HTML 10Page - Texas Instruments TPS65912x Datasheet HTML 11Page - Texas Instruments TPS65912x Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 145 page
background image
TPS659121, TPS659122
SWCS071B – AUGUST 2012 – REVISED APRIL 2015
www.ti.com
Signal Descriptions for TPS65912x (continued)
TERMINAL
TYPE
DESCRIPTION
NAME
ALT NAME
NO.
Active low, debounced power-on input or power-request input to start
power-up sequencing; alternatively active-low reset input to
nPWRON
/RESIN (optional)
D3
I
TPS65912x; debounced by 10 ms (OTP option); tie to LDOAO for a
logic high if not used.
Input from OMAP WDI pin to AND gate; alternatively 32-kHz RC
OMAP_WDI_32k_OUT
F6
I
oscillator output
Push-pull output at VDDIO level of AND gate; connect to CPCAP WDI
CPCAP_WDI
G7
O
input
Selects predefined startup options and default voltages; chooses from
CONFIG1
E2
I
two internal OTP settings; tie to GND or LDOAO
Selects predefined startup options; configures pins as DCDC1_SEL,
DCDC2_SEL, DCDC3_SEL and DCDC4_SEL as well as CLK_REQ
CONFIG2
D2
I
and PWR_REQ signals with CONFIG2 tied to GND. Tie to LDOAO for
a logic high level.
VCC
H2
I
Digital supply input
Supply voltage input for GPIOs and output stages that sets the HIGH
VDDIO
F7
I
level voltage (I/O voltage)
DGND
E3
Digital GND connection, tie to AGND and PGNDx on the PCB
8
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS659121 TPS659122


Numéro de pièce similaire - TPS65912x

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659121YFFR TI1-TPS659121YFFR Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659121YFFT TI1-TPS659121YFFT Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122YFFR TI1-TPS659122YFFR Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
More results

Description similaire - TPS65912x

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659128 TI-TPS659128_V01 Datasheet
4Mb / 165P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS659128 TI-TPS659128 Datasheet
4Mb / 164P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com