Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS659119BAIPFPRQ1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS659119BAIPFPRQ1
Description  Automotive Integrated Power-Management Unit
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659119BAIPFPRQ1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS659119BAIPFPRQ1 Datasheet HTML 5Page - Texas Instruments TPS659119BAIPFPRQ1 Datasheet HTML 6Page - Texas Instruments TPS659119BAIPFPRQ1 Datasheet HTML 7Page - Texas Instruments TPS659119BAIPFPRQ1 Datasheet HTML 8Page - Texas Instruments TPS659119BAIPFPRQ1 Datasheet HTML 9Page - Texas Instruments TPS659119BAIPFPRQ1 Datasheet HTML 10Page - Texas Instruments TPS659119BAIPFPRQ1 Datasheet HTML 11Page - Texas Instruments TPS659119BAIPFPRQ1 Datasheet HTML 12Page - Texas Instruments TPS659119BAIPFPRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 132 page
background image
9
TPS659119-Q1
www.ti.com
SWCS106F – MARCH 2013 – REVISED JULY 2016
Product Folder Links: TPS659119-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
External Component Recommendation (continued)
For crystal oscillator components, see the 32-kHz RTC Clock section. Note: The VCC7 supply must have enough
capacitance to specify that when the supply is switched off, voltage does not fall at a rate faster than 10 mV/ms. This ensures
that RTC domain data is maintained.
MIN
NOM
MAX
UNIT
DCRL
LO inductor dc resistor
125
VIO SMPS
CI(VCCIO)
Input capacitor
X5R or X7R dielectric
10
µF
CO(VIO)
Output filter capacitor
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
f = 3 MHz
10
300
LO(VIO)
Inductor
2.2
µH
DCRL
LO inductor dc resistor
125
LDO1
CI(VCC6)
Input capacitor
X5R or X7R dielectric
4.7
µF
CO(LDO1)
Output filtering capacitor
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
LDO2
CO(LDO2)
Output filtering capacitor
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
LDO3
CI(VCC5)
Input capacitor
X5R or X7R dielectric
4.7
µF
CO(LDO3)
Output filtering capacitor
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
LDO4
CO(LDO4)
Output filtering capacitor
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
LDO5
CI(VCC4)
Input capacitor
X5R or X7R dielectric
4.7
µF
CO(LDO5)
Output filtering capacitor
VOUT(LDOx) > 1.2 V
0.8
2.2
2.64
µF
VOUT(LDOx) ≤ 1.2 V
0.8
2
2.2
CO filtering capacitor ESR
0
500
LDO6
CI(VCC3)
Input capacitor
X5R or X7R dielectric
4.7
µF
CO(LDO6)
Output filtering capacitor
VOUT(LDOx) > 1.2 V
0.8
2.2
2.64
µF
VOUT(LDOx) ≤ 1.2 V
0.8
2
2.2
CO filtering capacitor ESR
0
500
LDO7
CO(LDO7)
Output filtering capacitor
VOUT(LDOx) > 1.2 V
0.8
2.2
2.64
µF
VOUT(LDOx) ≤ 1.2 V
0.8
2
2.2
CO filtering capacitor ESR
0
500
LDO8
CI(VCC8)
Input capacitor
X5R or X7R dielectric
4.7
µF
CO(LDO8)
Output filtering capacitor
VOUT(LDOx) > 1.2 V
0.8
2.2
2.64
µF
VOUT(LDOx) ≤ 1.2 V
0.8
2
2.2
CO filtering capacitor ESR
0
500
VRTC LDO
CI(VCC7)
Input capacitor
X5R or X7R dielectric
4.7
µF
CO(VRTC)
Output filtering capacitor
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500


Numéro de pièce similaire - TPS659119BAIPFPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65911 TI1-TPS65911 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
More results

Description similaire - TPS659119BAIPFPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com