Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS659119-Q1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS659119-Q1
Description  Automotive Integrated Power-Management Unit
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659119-Q1 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS659119-Q1 Datasheet HTML 1Page - Texas Instruments TPS659119-Q1 Datasheet HTML 2Page - Texas Instruments TPS659119-Q1 Datasheet HTML 3Page - Texas Instruments TPS659119-Q1 Datasheet HTML 4Page - Texas Instruments TPS659119-Q1 Datasheet HTML 5Page - Texas Instruments TPS659119-Q1 Datasheet HTML 6Page - Texas Instruments TPS659119-Q1 Datasheet HTML 7Page - Texas Instruments TPS659119-Q1 Datasheet HTML 8Page - Texas Instruments TPS659119-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 132 page
background image
5
TPS659119-Q1
www.ti.com
SWCS106F – MARCH 2013 – REVISED JULY 2016
Product Folder Links: TPS659119-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Pin Functions
PIN
TYPE
I/O
DESCRIPTION
SUPPLIES
PU / PD
NAME
NO.
LDO8
1
Power
O
LDO regulator output
VCC3, REFGND
PD 5 µA
PWRHOLD
2
Digital
I
Switch-on, switch off control signal and GPI
VRTC, DGND
Programmable PD
(default active)
PWRDN
3
Analog
I
Reset input, for example, thermal reset
VRTC, DGND
PD
LDO6
4
Power
O
LDO regulator output
VCC3, REFGND
PD 5 µA
5
VCC3
6
Power
I
LDO6 and LDO7 power Input
VCC3, AGND2
No
LDO7
7
Power
O
LDO regulator output
VCC3, REFGND
PD 5 µA
GPIO0
8
Digital
I/O
GPIO, push pull and OD as output
VCC7, DGND
OD: external PU
LDO2
9
Power
O
LDO regulator output
VCC6, REFGND
No
10
VCC6
11
Power
I
LDO1, LDO2 power Input
VCC6, AGND2
No
12
LDO1
13
Power
O
LDO regulator output
VCC6, REFGND
No
14
SDA_SDI
15
Digital
I/O
I2C bidirectional-data signal and serial-peripheral-
interface data input (multiplexed)
VDDIO, DGND
External PU
SCL_SCK
16
Digital
I/O
I2C bidirectional-clock signal and serial-peripheral-
interface clock input (multiplexed)
VDDIO, DGND
External PU
EN2
17
Digital
I/O
Enable for supplies and voltage scaling dedicated to
I2C data
VDDIO, DGND
External PU
EN1
18
Digital
I/O
Enable for supplies and voltage scaling dedicated to
I2C clock
VDDIO, DGND
External PU
VDDIO
19
Power
I
Digital I/O supply
VDDIO, DGND
No
AGND2
20
Power
I/O
Analog ground
AGND2
No
VCCIO
21
Power
I
VIO DC-DC power Input
VCCIO, GNDIO
No
22
SWIO
23
Power
O
VIO DC-DC switched output
VCCIO, GNDIO
No
24
GNDIO
25
Power
I/O
VIO DC-DC power ground
VCCIO, GNDIO
No
26
GPIO4
27
Digital
I/O
GPIO
VRTC, DGND
OD: External PU
OD
VFBIO
28
Analog
I
VIO feedback voltage
VCC7, DGND
PD 5 µA
HDRST
29
Digital
I
Cold reset
VRTC, DGND
PD
REFGND
30
Analog
I/O
Reference ground
REFGND
No
VREF
31
Analog
O
Bandgap voltage
VCC7, REFGND
No
GPIO5
32
Digital
I/O
GPIO
VRTC, DGND
OD: external PU
OD
BOOT1
33
Digital
I
Power-up sequence selection
VRTC, DGND
No
GPIO1
34
Digital
I/O
GPIO and LED1 output
VRTC, DGND
OD: External PU
OD
OSC16MIN
35
Analog
I
16.384-MHz crystal oscillator input
VCC7, DGND
External PD if not in
use
OSC16MOUT
36
Analog
O
16.384-MHz crystal oscillator output
VCC7, DGND
No
OSCEXT32K
37
Digital
I
External 32-kHz clock input
VRTC, DGND
External PD if not in
use
LDO3
38
Power
O
LDO regulator output
VCC5, REFGND
PD 5 µA
VCCS
39
Analog
I/O
VCC7 voltage sense input
VCC7, DGND
No
VCC5
40
Power
I
LDO3 and LDO4 power Input
VCC5, AGND
No
LDO4
41
Power
O
LDO regulator output
VCC5, REFGND
PD 5 µA
TESTV
42
Analog
O
Analog test output (DFT)
VCC7, AGND
No


Numéro de pièce similaire - TPS659119-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65911 TI1-TPS65911 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
More results

Description similaire - TPS659119-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com