Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STFA61-Q23 Fiches technique(PDF) 1 Page - Vitec Power

No de pièce STFA61-Q23
Description  63W Open Frame Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  Vitec [Vitec Power]
Site Internet  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STFA61-Q23 Fiches technique(HTML) 1 Page - Vitec Power

  STFA61-Q23 Datasheet HTML 1Page - Vitec Power STFA61-Q23 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STFA61 SERIES
63W Open Frame Power Supply for I.T. Equipment
Wide Input Voltage90 to 264 VAC, 47 to 63 Hz
Internal EMI filter
Single to Quad Output
Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3061(or 09-50-3081) and Molex 2478 series
crimp terminal
Size: 3" x 5"x1.09"
Input Surge Current, Over Voltage, Over Load, and Output Voltage Protection
Class I Insulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Output Current
Total Regulation
Max Output Power
STFA61-S01
03 ~ 05 VDC
16.6 ~ 10.0 A
5%
50W
STFA61-S02
05 ~ 06 VDC
11.0 ~ 9.16 A
5%
55W
STFA61-S03
06 ~ 08 VDC
10.0 ~ 7.50 A
4%
60W
STFA61-S04
08 ~ 11 VDC
7.87 ~ 5.72 A
3%
63W
STFA61-S05
11 ~ 13 VDC
5.72 ~ 4.84 A
3%
63W
STFA61-S06
13 ~ 16 VDC
4.84 ~ 3.93 A
3%
63W
STFA61-S07
16 ~ 21 VDC
3.93 ~ 3.00 A
3%
63W
STFA61-S08
21 ~ 27 VDC
3.00 ~ 2.33 A
2%
63W
STFA61-S09
27 ~ 33 VDC
2.33 ~ 1.90 A
2%
63W
STFA61-S10
33 ~ 40 VDC
1.90 ~ 1.57 A
2%
63W
STFA61-S11
40 ~ 50 VDC
1.57 ~ 1.26 A
2%
63W
Multi Output
Part Number
Output 1
Output 2
Output 3
Output 4
Max Output
Power
Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin
Iomax Regmax Vonom Iomin
Iomax Regmax
STFA61-D00
+3.3V
1.4A
7A
6%
+12V
0.6A
3A
5%
59.1W
STFA61-D01
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
STFA61-D02
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
STFA61-D03
+5V
0.7A
7A
5%
+24V
0.4A
2A
5%
63W
STFA61-D04
+3.3V
1.4A
7A
6%
+5V
0.5A
5A
5%
48.1W
STFA61-D15
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
STFA61-D18
+3.3V
0.5A
5A
6%
+48V
0.1A
1.25A
5%
63W
STFA61-D19
+5V
0.1A
5A
5%
+28V
0.2A
2A
5%
63W
STFA61-D20
+5V
0.5A
5A
5%
+35V
0.1A
1.5A
5%
63W
STFA61-D21
+5V
0.5A
5A
5%
+36V
0.1A
1.5A
5%
63W
STFA61-T00
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
STFA61-T00-1
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
STFA61-T01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
STFA61-T01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
STFA61-T02
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
STFA61-T02-1
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
STFA61-T03
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
STFA61-T03-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
STFA61-T04
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-24V
0A
0.5A
5%
63W
STFA61-T04-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+24V
0A
0.5A
5%
63W
STFA61-T05
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-12V
0A
0.8A
5%
63W
STFA61-T05-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+12V
0A
0.8A
5%
63W
STFA61-T06
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
59.8W
STFA61-T06-1
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
+5V
0A
0.8A
5%
59.8W
STFA61-T07
+5V
0.6A
6A
5%
+10V
0.2A
2A
5%
-10V
0A
1A
5%
60W
STFA61-T07-1
+5V
0.6A
6A
5%
+10V
0.2A
2A
5%
+10V
0A
1A
5%
60W
STFA61-T08
+3.3V
0.5A
5A
6%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
STFA61-T08-1
+3.3V
0.5A
5A
6%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
STFA61-Q00
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
STFA61-Q00-1
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STFA61-Q00-2
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
STFA61-Q00-3
+3.3V
1.2A
6A
6%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STFA61-Q01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
STFA61-Q01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STFA61-Q01-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
STFA61-Q01-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STFA61-Q02
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
STFA61-Q02-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
STFA61-Q02-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
STFA61-Q02-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
STFA61-Q03
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
STFA61-Q03-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
STFA61-Q03-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
STFA61-Q03-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
STFA61-Q04
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W


Numéro de pièce similaire - STFA61-Q23

FabricantNo de pièceFiches techniqueDescription
logo
Vitec Power
STFA61-S01 Vitec-STFA61-S01 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61-S02 Vitec-STFA61-S02 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61-S03 Vitec-STFA61-S03 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61-S04 Vitec-STFA61-S04 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61-S05 Vitec-STFA61-S05 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
More results

Description similaire - STFA61-Q23

FabricantNo de pièceFiches techniqueDescription
logo
Vitec Power
STFA60-SERIES Vitec-STFA60-SERIES Datasheet
466Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA60 Vitec-STFA60 Datasheet
466Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
STFA61 Vitec-STFA61 Datasheet
473Kb / 2P
   63W Open Frame Power Supply for I.T. Equipment
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61-SERIES Vitec-SIFA61-SERIES Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA100-SERIES Vitec-STFA100-SERIES Datasheet
436Kb / 2P
   100W Open Frame Power Supply for I.T. Equipment
SMFA60 Vitec-SMFA60 Datasheet
413Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SIFA60 Vitec-SIFA60 Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com