Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS56x200 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS56x200
Description  4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56x200 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS56x200 Datasheet HTML 5Page - Texas Instruments TPS56x200 Datasheet HTML 6Page - Texas Instruments TPS56x200 Datasheet HTML 7Page - Texas Instruments TPS56x200 Datasheet HTML 8Page - Texas Instruments TPS56x200 Datasheet HTML 9Page - Texas Instruments TPS56x200 Datasheet HTML 10Page - Texas Instruments TPS56x200 Datasheet HTML 11Page - Texas Instruments TPS56x200 Datasheet HTML 12Page - Texas Instruments TPS56x200 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Output Current (A)
0.001
0.01 0.02
0.05 0.1 0.2
0.5
1
2 3 4 5
5
0
10
20
30
40
50
60
70
80
90
100
D040
VOUT = 5V
VOUT = 3.3V
VOUT = 1.8V
Output Current (A)
0.001
0.01 0.02
0.05 0.1 0.2
0.5
1
2 3 4 5
5
0
10
20
30
40
50
60
70
80
90
100
D041
VOUT = 3.3 V
VOUT = 1.8 V
Junction Temperature (qC)
-50
-25
0
25
50
75
100
0.750
0.755
0.760
0.765
0.770
0.775
0.780
D039
±10
0
10
20
30
40
50
60
0
3
6
9
12
15
18
EN Input Voltage (V)
C019
Junction Temperature (qC)
-50
-25
0
25
50
75
100
0
50
100
150
200
250
300
350
400
D037
Junction Temperature (qC)
-50
-25
0
25
50
75
100
0
1
2
3
4
5
6
D038
9
TPS562200, TPS563200
www.ti.com
SLVSCB0D – JANUARY 2014 – REVISED JUNE 2016
Product Folder Links: TPS562200 TPS563200
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.8 Typical Characteristics TPS563200
VIN = 12 V (unless otherwise noted).
Figure 10. Supply Current vs Junction Temperature
EN = 0 V
Figure 11. VIN Shutdown Current vs
Junction Temperature
IO = 1 A
Figure 12. Vfb Voltage vs Junction Temperature
Figure 13. En Current vs En Voltage
Figure 14. Efficiency vs Output Current
VIN = 5 V
Figure 15. Efficiency vs Output Current


Numéro de pièce similaire - TPS56x200

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS56x210A TI1-TPS56x210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS56x219 TI1-TPS56x219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS56x219A TI1-TPS56x219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
More results

Description similaire - TPS56x200

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com