Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65720 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65720
Description  Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65720 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS65720 Datasheet HTML 1Page - Texas Instruments TPS65720 Datasheet HTML 2Page - Texas Instruments TPS65720 Datasheet HTML 3Page - Texas Instruments TPS65720 Datasheet HTML 4Page - Texas Instruments TPS65720 Datasheet HTML 5Page - Texas Instruments TPS65720 Datasheet HTML 6Page - Texas Instruments TPS65720 Datasheet HTML 7Page - Texas Instruments TPS65720 Datasheet HTML 8Page - Texas Instruments TPS65720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
TPS65720, TPS657201, TPS657202, TPS65721
www.ti.com
SLVS979A – OCTOBER 2009 – REVISED SEPTEMBER 2015
5 Device Options
PART NUMBER (1)
SIZE FOR DSBGA PACKAGE
OPTION
DCDC1 externally adjustable
D = 2105
μm ±25 μm
TPS65720
LDO1 default 1.85 V
E = 2105
μm ±25 μm
AC input current limit = 500 mA
DCDC1 default 1.85 V
D = 2105
μm ±25 μm
LDO1 default 1.85 V
TPS657201
E = 2105
μm ±25 μm
analog multiplexer (TS_OUT)
AC input current limit = 500 mA
DCDC1 default 1.90 V
D = 2105
μm ±25 μm
LDO1 default 2.85 V
TPS657202
E = 2105
μm ±25 μm
analog multiplexer (TS_OUT)
AC input current limit = 100 mA
DCDC1 externally adjustable
TPS65721
LDO1 externally adjustable
AC input current limit = 500 mA
(1)
The RSN and YFF package is available in tape and reel. Add R suffix (TPS65720YFFR; TPS65721RSNR) to order quantities of 3000
parts per reel. Add T suffix (TPS65720YFFT; TPS65721RSNT) to order quantities of 250 parts per reel.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65720 TPS657201 TPS657202 TPS65721


Numéro de pièce similaire - TPS65720

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI-TPS65720YFFR Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI1-TPS65720YFFR Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
TPS65720YFFT TI-TPS65720YFFT Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFT TI1-TPS65720YFFT Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
More results

Description similaire - TPS65720

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Texas Instruments
TPS6521815 TI1-TPS6521815 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
logo
Linear Technology
LTC1980 LINER-LTC1980 Datasheet
463Kb / 16P
   Combination Battery Charger and DC/DC Converter
LTC1980 LINER-LTC1980_15 Datasheet
244Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Eutech Microelectronics...
EUP8084 EUTECH-EUP8084 Datasheet
1Mb / 23P
   Complete Linear Battery Charger with Integrated Buck Converter and LDO
logo
Shenzhen X-Powers Techn...
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
   Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
   Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
   Li-ion and LiPo battery charger with LDO
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com