Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65552ADGQR Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS65552ADGQR
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65552ADGQR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS65552ADGQR Datasheet HTML 4Page - Texas Instruments TPS65552ADGQR Datasheet HTML 5Page - Texas Instruments TPS65552ADGQR Datasheet HTML 6Page - Texas Instruments TPS65552ADGQR Datasheet HTML 7Page - Texas Instruments TPS65552ADGQR Datasheet HTML 8Page - Texas Instruments TPS65552ADGQR Datasheet HTML 9Page - Texas Instruments TPS65552ADGQR Datasheet HTML 10Page - Texas Instruments TPS65552ADGQR Datasheet HTML 11Page - Texas Instruments TPS65552ADGQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
t
= N_TURN x L
OFF
I
PEAK
V
OUT
÷
÷
ø
ö
ç
ç
è
æ
(2)
Reference Voltage
Termination Voltage Setting
TPS65552A
SLVS567 – JULY 2005
The TPS65552A does not have its own reference voltage circuit inside, and the TPS65552A uses the VCC input
voltage as a reference to detect I(PEAK), V(ZERO), and V(FULL). Therefore, voltage input at VCC is approximately
5 V.
VCC differs from 5 V by system limitations. Table 1 shows the dependence of each function of TPS65552A to
VCC.
Table 1. VCC Dependence of TPS65552A
PARAMETER
EQUATION
VCC
4.5
5
5.5
I(PEAK1)
0.52 x VCC - 0.92
1.42
1.68
1.94
I(PEAK2)
0.24 x VCC - 0.33
0.75
0.87
0.99
V(FULL)
TPS65552A
5.8 x VCC
26.1
29.0
31.9
over VDS
0.24 x VCC
1.08
1.2
1.32
To obtain a different termination voltage, transformers of different turn ratio are required. Table 2 shows the
matrix of termination voltage and the turn ratio of the transformer. The table only shows a ONE to integer ratio
while there are no limitations for a turn ratio of the transformer in a real application circuit, example 1:10.5 (=
10:105).
Table 2. Termination Voltage Setting Table
TPS65552A
29 [V]
1:10
290
1:11
319
1:12
348
8
Not Recommended for New designs


Numéro de pièce similaire - TPS65552ADGQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65552ADGQ TI-TPS65552ADGQ Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552ADGQ TI1-TPS65552ADGQ Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results

Description similaire - TPS65552ADGQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com