Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65552ARGT Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS65552ARGT
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65552ARGT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS65552ARGT Datasheet HTML 3Page - Texas Instruments TPS65552ARGT Datasheet HTML 4Page - Texas Instruments TPS65552ARGT Datasheet HTML 5Page - Texas Instruments TPS65552ARGT Datasheet HTML 6Page - Texas Instruments TPS65552ARGT Datasheet HTML 7Page - Texas Instruments TPS65552ARGT Datasheet HTML 8Page - Texas Instruments TPS65552ARGT Datasheet HTML 9Page - Texas Instruments TPS65552ARGT Datasheet HTML 10Page - Texas Instruments TPS65552ARGT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
OFF
ON
OFF
SW
T
LOGIC
V
V
I
I
VZERO
VSW
VBAT
VA
VOUT
0 V
0 V
ISW
IPEAK
0 A
IOUT
IPEAK/NTURN
0 A
Time 1
Time 2
Time 3
Time 4
Time 5
SW
T
VFULL
CHG
XFULL
OFF
ON
OF
F
OFF ON
OFF
VBAT
VSW
0 V
VBAT
VOUT
VA
0 V
VOUT
VA
IPEAK
IPEAK/NTURN
IOUT
ISW
ISW
IOUT
IOUT
0 A
0 A
V
V
I
I
Control Charging
t
= L
ON
I
PEAK
V
BAT
÷
÷
ø
ö
ç
ç
è
æ
(1)
TPS65552A
SLVS567 – JULY 2005
Figure 5. Timing Diagram at One Switching Cycle
Figure 6. Timing Diagram at Beginning/Ending
The TPS65552A provides three comparators to control charging. Figure 2 shows the block diagram of
TPS65552A and Figure 5 shows one timing diagram switching cycle. Note that emphasis is placed on Time1 and
Time3 of the waveform in Figure 5.
While SW is ON (Time1 to Time2 in Figure 5), U3 monitors current flow through integrated power-MOSFET from
SW to PGND. When I(SW) exceeds I(PEAK), SW turns OFF (Time2 in Figure 5).
When SW turns OFF (Time2 in Figure 5), the magnetic energy in the transformer starts discharging. Meanwhile,
U2 monitors the kickback voltage at the SW terminal. As the energy is discharging, the kickback voltage is
increasing according to the increase of VOUT (Time2 to Time3 in Figure 5). When almost all energy is discharged,
the system cannot continue rectification via the diode, and the charging current of IOUT goes to zero (Times3 in
Figure 5). After rectification stops, the small amount of energy left in the transformer is released via the parasitic
path, and the kickback voltage reaches zero (Time3 to Time4 in Figure 5). During this period, U2 makes SW turn
ON when (V(SW) - VBAT) dips from V(ZERO) (Time5 in Figure 5). In the actual circuit, the period between Time4
and Time5 in Figure 5 is small or does not appear dependent on the delay time of the U2 detection to SW ON.
U1 also monitors the kickback voltage. When (V(SW) - VBAT) exceeds V(FULL), TPS65552A stops charging (see
Figure 6).
In Figure 5 and Figure 6, ON time is always the same period in every switching. The ON time is calculated by
Equation 1. This equation is not dependent on output voltage.
However, OFF time is dependant on output voltage. As the output voltage gets higher, the OFF time gets shorter
(see Equation 2).
7
Not Recommended for New designs


Numéro de pièce similaire - TPS65552ARGT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65552ARGT TI-TPS65552ARGT Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552ARGT TI1-TPS65552ARGT Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results

Description similaire - TPS65552ARGT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com