Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65266RHBT Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65266RHBT
Description  2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65266RHBT Fiches technique(HTML) 3 Page - Texas Instruments

  TPS65266RHBT Datasheet HTML 1Page - Texas Instruments TPS65266RHBT Datasheet HTML 2Page - Texas Instruments TPS65266RHBT Datasheet HTML 3Page - Texas Instruments TPS65266RHBT Datasheet HTML 4Page - Texas Instruments TPS65266RHBT Datasheet HTML 5Page - Texas Instruments TPS65266RHBT Datasheet HTML 6Page - Texas Instruments TPS65266RHBT Datasheet HTML 7Page - Texas Instruments TPS65266RHBT Datasheet HTML 8Page - Texas Instruments TPS65266RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
BST1
PGND1
LX1
EN1
EN2
VIN1
BST2
LX2
VIN2
VIN3
LX3
Thermal Pad
BST3
EN3
PGND3
PGND2
AGND
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
TPS65266
www.ti.com
SLVSCT9B – NOVEMBER 2014 – REVISED JANUARY 2015
5 Pin Configuration and Functions
RHB PACKAGE
Top View
A.
There is no electric signal down bonded to thermal pad inside IC. Exposed thermal pad must be soldered to PCB for
optimal thermal performance.
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
AGND
Analog ground pin
2
AGND
Analog ground pin
3
AGND
Analog ground pin
An open-drain output; asserts low if output voltage of bucks beyond regulation range due to thermal shutdown, over-
4
PGOOD
current, under-voltage, or ENx low.
Input voltage of converter controller and reference power supply bias. TI recommends to connect a 1-µF capacitor
5
VINQ
from the pin to analog ground and put the capacitor as near as possible to this pin.
6
FB2
Feedback Kelvin sensing pin for buck2 output voltage. Connect this pin to buck2 feedback resistor divider.
Error amplifier output and loop compensation pin for buck2. Connect a series resistor and capacitor to compensate
7
COMP2
the control loop of buck converter 2 with peak current PWM mode.
Soft-start and tracking input for buck2 converter. An internal 5.5-µA pullup current source is connected to this pin.
8
SS2
The soft-start time of buck2 can be programmed by connecting a capacitor between this pin and ground.
Boot strapped supply to the high-side floating gate driver in buck2 converter. Connect a capacitor (47 nF
9
BST2
recommended) from BST2 pin to LX2 pin.
Switching node connection to the inductor and bootstrap capacitor for buck2 converter. The voltage swing at this pin
10
LX2
is from a diode voltage below the ground up to VIN2 voltage.
Power ground connection of buck2. Connect PGND2 pin as close as practical to the (–) terminal of VIN2 input
11
PGND2
ceramic capacitor.
Input power supply for buck2. Connect VIN2 pin as close as practical to the (+) terminal of an input ceramic capacitor
12
VIN2
(10 µF suggested).
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65266


Numéro de pièce similaire - TPS65266RHBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RHBR TI1-TPS65266-1RHBR Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RHBT TI1-TPS65266-1RHBT Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1RTQR TI1-TPS65266-1RTQR Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results

Description similaire - TPS65266RHBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com