Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65262-1 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS65262-1
Description  4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65262-1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS65262-1_16 Datasheet HTML 5Page - Texas Instruments TPS65262-1_16 Datasheet HTML 6Page - Texas Instruments TPS65262-1_16 Datasheet HTML 7Page - Texas Instruments TPS65262-1_16 Datasheet HTML 8Page - Texas Instruments TPS65262-1_16 Datasheet HTML 9Page - Texas Instruments TPS65262-1_16 Datasheet HTML 10Page - Texas Instruments TPS65262-1_16 Datasheet HTML 11Page - Texas Instruments TPS65262-1_16 Datasheet HTML 12Page - Texas Instruments TPS65262-1_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
3.27
3.28
3.29
3.30
3.31
3.32
3.33
0.0
0.2
0.4
0.6
0.8
1.0
Output Load (A)
VIN 5 V
VIN 12 V
C004
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
4
6
8
10
12
14
16
18
Input Voltage (V)
IOUT 0.1 A
IOUT 1.5 A
IOUT 3 A
C004
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Load (A)
VIN 5 V
VIN 12 V
C004
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
0.0
0.2
0.4
0.6
0.8
1.0
Output Load (A)
VIN 5 V
VIN 12 V
C004
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.10
1.00
Output Load (A)
VOUT 1.2 V
VOUT 3.3 V
VOUT 5 V
C002
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.10
1.00
Output Load (A)
VOUT 1.8 V
VOUT 3.3 V
VOUT 5 V
C002
TPS65262-1
www.ti.com
SLVSCN5A – JUNE 2014 – REVISED OCTOBER 2014
8.6 Typical Characteristics
TA = 25°C, VIN = 12 V, VOUT1= 1.2 V, VOUT2= 1.8 V, VOUT3= 3.3 V FSW = 600 kHz (unless otherwise noted)
Figure 1. BUCK1 Efficiency
Figure 2. BUCK2 Efficiency
Figure 4. BUCK2, Load Regulation
Figure 3. BUCK1, Load Regulation
Figure 5. BUCK3, Load Regulation
Figure 6. BUCK1, Line Regulation
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65262-1


Numéro de pièce similaire - TPS65262-1_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65262-1 TI-TPS65262-1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS65262-1, 4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
More results

Description similaire - TPS65262-1_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65262-1 TI-TPS65262-1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS65262-1, 4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262 TI1-TPS65262 Datasheet
3Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 200-mA/100-mA LDOs
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65279 TI-TPS65279_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS65279 4.5- to 18-V Input, 5-A/5-A Dual Synchronous Step-Down Converter With Current Sharing
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com