Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N23WG Datasheet(Fiches technique) 1 Page - American Microsemiconductor

Numéro de pièce 1N23WG
Description  Point Contact Diodes
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMMSEMI [American Microsemiconductor]
Site Internet  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

1N23WG Datasheet(HTML) 1 Page - American Microsemiconductor

  1N23WG Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S-X BAND POINT CONTACT MIXER DIODES
Point Contact Diodes:
Typical Performance
Part
Number
1N21C
1N21D
1N21E
1N21WE
1N21F
1N21G
1N21WG
1N416C
1N416D
1N416E
1N416F
1N416G
Noise Figure
3.060 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (dB)
8.5
7.5
7.0
7.0
6.0
5.5
5.5
8.5
7.5
7.0
6.5
6.0
VSWR
3.060 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (Ratio)
1.5
1.5
1.3
1.3
1.3
1.5
1.3
1.3
1.3
1.3
IF Impedance
3.060 GHz
LO = 1.0 mW
RI = 100 Ohms
MIN/MAX (Ohms)
325 - 465
325 - 465
350 - 450
350 - 450
350 - 450
350 - 450
350 - 450
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
Conversion Loss
3.060 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (dB)
5.0
5.0
7.0
6.5
6.0
Case
Style
PS100
PS100
PS100
PS101
PS101
PS100
PS100
PS101
PS101
PS101
PS101
PS101
Part
Number
1N23
1N23A
1N23B
1N23C
1N23D
1N23E
1N23WE
1N23F
1N23G
1N23WG
1N23H
1N415C
1N415D
1N415E
1N415F
1N415G
1N415H
Noise Figure
9.375 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (dB)
12.0
11.0
10.0
9.0
8.5
7.5
7.5
7.0
6.5
6.5
6.0
9.0
8.5
7.5
7.0
6.5
6.0
VSWR
9.375 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (Ratio)
1.5
1.5
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.5
1.3
1.3
1.3
1.3
1.3
IF Impedance
9.375 GHz
LO = 1.0 mW
RI = 100 Ohms
MIN/MAX (Ohms)
200 - 600
200 - 600
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
335 - 465
Conversion Loss
9.375 GHz
LO = 1.0 mW
RI = 100 Ohms
MAX (dB)
7.0
7.0
6.5
6.0
6.0
5.5
7.0
6.5
6.0
5.5
Case
Style
PS100
PS100
PS100
PS100
PS100
PS100
PS101
PS100
PS101
PS101
PS100
PS101
PS101
PS101
PS101
PS101
PS101
Electrical Specifications
Operating Temperature:
Storage Temperature:
Description
Applications
Packaging


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn