Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS630701RNMT Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS630701RNMT
Description  2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS630701RNMT Fiches technique(HTML) 5 Page - Texas Instruments

  TPS630701RNMT Datasheet HTML 1Page - Texas Instruments TPS630701RNMT Datasheet HTML 2Page - Texas Instruments TPS630701RNMT Datasheet HTML 3Page - Texas Instruments TPS630701RNMT Datasheet HTML 4Page - Texas Instruments TPS630701RNMT Datasheet HTML 5Page - Texas Instruments TPS630701RNMT Datasheet HTML 6Page - Texas Instruments TPS630701RNMT Datasheet HTML 7Page - Texas Instruments TPS630701RNMT Datasheet HTML 8Page - Texas Instruments TPS630701RNMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
TPS63070
TPS630701
www.ti.com
SLVSC58A – JUNE 2016 – REVISED AUGUST 2016
Product Folder Links: TPS63070 TPS630701
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS63070x
UNIT
VQFN
13 PINS
RθJA
Junction-to-ambient thermal resistance
63
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
42
°C/W
RθJB
Junction-to-board thermal resistance
13
°C/W
ψJT
Junction-to-top characterization parameter
2.4
°C/W
ψJB
Junction-to-board characterization parameter
13
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W


Numéro de pièce similaire - TPS630701RNMT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS630701RNMT TI1-TPS630701RNMT Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
More results

Description similaire - TPS630701RNMT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63070 TI1-TPS63070_19 Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS552882 TI-TPS552882 Datasheet
2Mb / 34P
[Old version datasheet]   TPS552882 36-V, 16-A Buck-boost Converter
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS552882-Q1 TI-TPS552882-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TPS552882-Q1 36-V, 16-A Buck-boost Converter
TPS552882-Q1 TI-TPS552882-Q1_V01 Datasheet
3Mb / 44P
[Old version datasheet]   TPS552882-Q1 36-V, 16-A Buck-boost Converter
DECEMBER 2021
TPS55288 TI1-TPS55288 Datasheet
1,010Kb / 45P
[Old version datasheet]   TPS55288 36-V, 16-A Buck-boost Converter with I2C Interface
TPS63060 TI-TPS63060_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current
TPS55288-Q1 TI-TPS55288-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1_V01 Datasheet
3Mb / 60P
[Old version datasheet]   TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
DECEMBER 2021
logo
Rohm
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com