Moteur de recherche de fiches techniques de composants électroniques |
|
U1184A Fiches technique(PDF) 8 Page - Agilent(Hewlett-Packard) |
|
U1184A Fiches technique(HTML) 8 Page - Agilent(Hewlett-Packard) |
8 / 9 page 7 Optional accessories Measuring accessories (temperature) U1180A Thermocouple adapter+lead kit, J and K types Includes thermocouple adapter, thermocouple bead J-type and thermocouple bead K-type. • T/C adapter J/K-type • T/C bead J-type: –20 °C to 200 °C • T/C bead K-type: –20 °C to 200 °C U1181A Immersion temperature probe • Type-K T/C for use in oil and other liquids • Measurement range: –50 °C to 700 ºC • Includes adapter U1184A for connection to DMM U1182A Industrial surface temperature probe • Type-K T/C for use on still surfaces • Measurement range: –50 ºC to 400 ºC • Includes adapter U1184A for connection to DMM U1183A Air temperature probe • Type-K T/C for use in air and non-caustic gas • Measurement range: –50 ºC to 800 ºC • Includes adapter U1184A for connection to DMM U1184A Temperature probe adapter • Mini-connector-to-banana-plug adapter for use with DMM U1185A J-type thermocouple and adapter • T/C adapter J/K-type • T/C bead J-type: –20 °C to 200 °C U1186A K-type thermocouple and adapter • T/C adapter J/K-type • T/C bead J-type: –20 °C to 200 °C Carrying case U1172A Transit case (aluminium-clad) The robust casing to transport your DMM and accessories • Aluminum-clad, black panel construction • Dimension: 18 inches (H) x 13 inches (W) x 6 inches (D) • Weight: 4 kg U1174A Soft carrying case The convenient way to carry your DMM and essential accessories • Dimension: 9 inches (H) x 5 inches (W) x 3 inches (D) Hanging kit U1171A Magnetic hanging kit For fastening the DMM to a steel surface so both hands are free U1179A IR Connectivity Bracke Connect with U1177A IR-to-Bluetooth adapter or U1173A IR-USB cable Ordering Information |
Numéro de pièce similaire - U1184A |
|
Description similaire - U1184A |