Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1240 Fiches technique(PDF) 6 Page - Agilent(Hewlett-Packard)

No de pièce U1240
Description  Agilent U1240 Series Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1240 Fiches technique(HTML) 6 Page - Agilent(Hewlett-Packard)

  U1240 Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1240 Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1240 Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1240 Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1240 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1240 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1240 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1240 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1240 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5
Electrical Specifications
Measuring rate
Function
Times/second
ACV
7
DCV (V or mV)
7
Ω14
Diode
14
Capacitance
4 (< 100 µF)
DCA (μA, mA, A)
7
ACA (μA, mA, A)
7
Temperature
7 (single)
Frequency
1 (> 10 Hz)
General Specifications
Display
Dual display (secondary display is intended for temperature function display only)
consists of 4-digit liquid crystal display (LCD) with maximum reading of 11,000 counts.
Automatic polarity indication.
Power consumption
0.22 VA maximum
Battery type and life
Four single standard 1.5 V AAA batteries (Alkaline or Zinc Chloride type); 300 hours
typical
Operating environment
• Full accuracy at –10 to 55 °C; and to 80% RH for temperatures up to 30 °C, decreasing
linearly to 50% RH at 55 °C
• 0 – 2000 meters per IEC 61010-1 2nd Edition CAT III, 1000 V / CAT IV, 600 V IEC
61010-1 2nd Edition
Storage compliance
–20 to 70 °C
Safety compliance
• IEC 61010-1:2001 / EN61010-1:2001
• Canada: CSA C22.2 No. 61010-1:2004
Measurement category
CAT III 1000 V / CAT IV 600 V Overvoltage Protection, Pollution Degree 2
EMC compliance
• CISPR 11:1990/EN55011:1990
• Canada: ICES-001:2004
• Australia/New Zealand: AS/NZS CISPR11:2004
Common Mode Rejection Ratio (CMRR)
> 90 dB at DC, 50/60 Hz ± 0.1% (1 kΩ unbalanced)
Normal Mode Rejection Ration (NMRR)
> 60 dB at 50/60 Hz ± 0.1%
Crest factor
< 3.0
Temperature coefficient
0.1 × (specified accuracy) / °C (from –10 to 18 °C or 28 to 55 °C)
Shock and vibration
Tested to IEC/EN 60068-2
Dimensions (H x W x D)
193.8 mm x 92.2 mm x 58.0 mm
Weight
• 450 g with batteries
• 400 g without batteries
Warranty
• Three years for main unit
• Three months for standard shipped accessories


Numéro de pièce similaire - U1240

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
More results

Description similaire - U1240

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com