Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-7710 Fiches technique(PDF) 7 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-7710
Description  40 ns Propagation Delay, CMOS Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7710 Fiches technique(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7710 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7710 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7710 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7710 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7710 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7710 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7710 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7710 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7710 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
6
Electrical Specifications
Test conditions that are not specified can be anywhere within the recommended operating range. All typical specifications
are at TA = +25°C, VDD1 = VDD2 = +5 V.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig. Note
DC Specifications
Logic Low Input
IDD1L
6.0
10.0
mA
VI = 0 V
1
Supply Current
Logic High Input
IDD1H
1.5
3.0
mA
VI = VDDI
Supply Current
Input Supply Current
IDD1
13.0
mA
Output Supply Current
IDD2
5.5
11.0
mA
Input Current
II
-10
10
µA
Logic High Output
VOH
4.4
5.0
V
IO = -20 µA, VI = VIH
1, 2
Voltage
4.0
4.8
IO = -4 mA, VI = VIH
Logic Low Output
VOL
0
0.1
V
IO = 20 µA, VI = VIL
Voltage
0.5
1.0
IO = 4 mA, VI = VIL
Switching Specifications
Propagation Delay Time
tPHL
20
40
ns
CL = 15 pF
3, 7
2
to Logic Low Output
CMOS Signal Levels
Propagation Delay Time
tPLH
23
40
to Logic High Output
Pulse Width
PW
80
3
Data Rate
12.5
MBd
Pulse Width Distortion
PWD
3
8
ns
4, 8
4
|tPHL - tPLH|
Propagation Delay Skew
tPSK
20
5
Output Rise Time
tR
9
5, 9
(10 - 90%)
Output Fall Time
tF
86,
(90 - 10%)
10
Common Mode
|CMH|
10
20
kV/
µsV
I = VDD1, VO >6
Transient Immunity at
0.8 VDD1,
Logic High Output
VCM = 1000 V
Common Mode
|CML|10
20
VI = 0 V, VO > 0.8 V,
Transient Immunity at
VCM = 1000 V
Logic Low Output
Input Dynamic Power
CPD1
60
pF
7
Dissipation
Capacitance
Output Dynamic Power
CPD2
10
Dissipation
Capacitance


Numéro de pièce similaire - HCPL-7710

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
logo
Broadcom Corporation.
HCPL-7710 BOARDCOM-HCPL-7710 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-020E AVAGO-HCPL-7710-020E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-060E AVAGO-HCPL-7710-060E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

Description similaire - HCPL-7710

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com