Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC-0509S2(H)LF Datasheet(Fiches technique) 1 Page - Bothhand USA, LP.

Numéro de pièce BC-0509S2(H)LF
Description  1.5~3W Isolated DC/DC Converter
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-0509S2(H)LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BC-0509S2(H)LF Datasheet HTML 1Page - Bothhand USA, LP. BC-0509S2(H)LF Datenblatt HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC LF Series
1.5~3W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhand
usa.com
Features:
Input Filter With Internal Capacitor
Input / Output Isolation 1K Vdc Or 3K Vdc(H)
Low Ripple And Noise
100% Burn-In
Regulated type
Net Weight : 11.3 g / 14 g Typical
24 Pin DIL Package
Custom Design Available
Technical Specification(1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) 1.5 W Single Output Series
BC-053R6S1(H) LF
3.6
400
28
443
60
± 0.5
65
BC-0505S1(H) LF
5
5
300
25
454
60
± 0.5
66
BC-1205S1(H) LF
5
300
16
184
60
± 0.5
68
BC-1212S1(H) LF
12
12
125
16
181
100
± 0.5
69
BC-2405S1(H) LF
5
300
5
96
60
± 0.5
65
BC-247R2S1(H) LF
7.2
200
5
91
70
± 0.5
66
BC-2415S1(H) LF
24
15
100
4
91
120
± 0.5
69
2) 2.0 W Single Output Series
BC-0505S2(H) LF
5
400
45
615
70
± 0.5
65
BC-0509S2(H) LF
5
9
200
43
545
90
± 0.5
66
BC-1205S2(H) LF
5
400
18
252
70
± 0.5
66
BC-1209S2(H) LF
9
200
18
220
90
± 0.5
68
BC-1212S2(H) LF
12
12
167
18
245
100
± 0.5
68
BC-2405S2(H) LF
5
400
5
128
70
± 0.5
65
BC-2412S2(H) LF
24
12
167
5
121
100
± 0.5
69
3) 3.0 W Single Output Series
BC-0505S3(H) LF
5
600
50
938
70
± 0.5
64
BC-0512S3(H) LF
5
12
250
45
910
100
± 0.5
66
BC-1205S3(H) LF
5
600
20
378
70
± 0.5
66
BC-1209S3(H) LF
9
333
20
362
90
± 0.5
69
BC-1212S3(H) LF
12
12
250
20
362
100
± 0.5
69
BC-2405S3(H) LF
5
600
6
192
70
± 0.5
65
BC-2412S3(H) LF
24
12
250
6
181
100
± 0.5
66
Mechanical Dimensions(1/2):
Metal Case Model
31.75
(1.25)
φ0.50
(0.02)
15.24
(0.60)
27.94
(1.10)
20.32
(0.80)
2.54
(0.10)
IN=12Vdc
OUT=±5Vdc
BC-1205S2M LF
Pb
27.63
(1.09)
16.16
(0.64)
8.50
(0.33)
5.00
(0.20)
10.16
(0.40)
3.05
(0.12)
Printed Face
Bottom View
Min.
Pin
Single
Pin
1
NC
NC
24
2
+Vin
-Vin
23
3~11 No Pin No Pin 14~22
12
-Vo
+Vo
13
Pin
Dual
Pin
1
No Pin
No Pin
24
2
+Vin
-Vin
23
3~9
No Pin
No Pin
16~22
10
+Vo
15
11
Common
No Pin
14
12
No Pin
-Vo
13


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn