Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1732C Fiches technique(PDF) 9 Page - Keysight Technologies

No de pièce U1732C
Description  Keysight Technologies U1730C Series Handheld LCR Meters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1732C Fiches technique(HTML) 9 Page - Keysight Technologies

Back Button U1732C Datasheet HTML 3Page - Keysight Technologies U1732C Datasheet HTML 4Page - Keysight Technologies U1732C Datasheet HTML 5Page - Keysight Technologies U1732C Datasheet HTML 6Page - Keysight Technologies U1732C Datasheet HTML 7Page - Keysight Technologies U1732C Datasheet HTML 8Page - Keysight Technologies U1732C Datasheet HTML 9Page - Keysight Technologies U1732C Datasheet HTML 10Page - Keysight Technologies U1732C Datasheet HTML 11Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
09 | Keysight | U1730C Series Handheld LCR Meters – Data Sheet
General Specifications
Parameter
U1731C
U1732C
U1733C
Measurements
Z/L/C/R/D/Q/θ/ESR
Z/L/C/R/D/Q/θ/ESR
Z/L/C/R/D/Q/θ/ESR/DCR
Display
Primary display: Maximum display 19,999 counts
Secondary display: Maximum display 999 counts
Automatic polarity indication
Test frequency (Accuracy =
± 0.1% of actual test frequency)
100 Hz, 120 Hz, 1 kHz
100 Hz, 120 Hz, 1 kHz, 10 kHz
100 Hz, 120 Hz, 1 kHz, 10 kHz, 100 kHz
Backlight
No
Yes
Yes
Test signal level
Selection
Test signal level
Test frequency
100 Hz
0.74 Vrms
100 Hz
120 Hz
0.74 Vrms
120.481 Hz
1 kHz
0.74 Vrms
1 kHz
10 kHz1
0.74 Vrms
10 kHz
100 kHz2
0.74 Vrms
100 kHz
DCR2
+1.235 V
NA
Tolerance mode
1%, 5%, 10%, 20%
Ranging mode
Auto and manual
Measurement rate
1 time/second, nominal
Response time
Approximately 1 second/DUT (Device Under Test)
Auto power-off
~0-99 mins without operation
Power supply
Single standard 9 V battery (alkaline or carbon-zinc) or optional power adaptor
Power consumption
225 mVA maximum without backlight
Input protection fuse
Resettable over-current protection
Battery life
16 hours based on alkaline battery
Low battery indicator
[
] will appear when voltage drops below ~7.2 V
Operating temperature
–10 to 55 °C, 0 to 80% R.H.
Storage temperature
–20 to 70 °C, 0 to 80% R.H. without battery
Temperature coefficient
0.1 × (specified accuracy)/°C (from –10 to 18 °C or 28 to 55 °C)
Relative humidity
Maximum 80% R.H. for temperature up to 30 °C decreasing linearly to 50% R.H. at 55 °C
Weight
337 grams with battery
Dimensions (H x W x D)
184 mm x 87 mm x 41 mm
Safety and EMC Compliance
In compliance with EN61010-1 (IEC61010-1:2001) for low voltage directive and Pollution Degree II
Environment. Susceptibility and Emissions (EMC): Commercial Limits per EN61326-1
Calibration
One-year calibration cycle recommended
Warranty
– 3 years for main unit
– 3 months for standard shipped accessories
Only applicable for U1732C/U1733C
Only applicable for U1733C


Numéro de pièce similaire - U1732C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
U1732C ETC2-U1732C Datasheet
57Kb / 1P
   Di (2?릂thylhexyl) phthalate (DEHP)
logo
Agilent(Hewlett-Packard...
U1732C HP-U1732C Datasheet
523Kb / 11P
   Take your expectations higher with the latest LCR meters
logo
Keysight Technologies
U1732C KEYSIGHT-U1732C Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Description similaire - U1732C

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1733C KEYSIGHT-U1733C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
Z2090B-032 KEYSIGHT-Z2090B-032 Datasheet
961Kb / 5P
   Keysight Technologies Signal Simulation Test System
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1730 HP-U1730 Datasheet
523Kb / 11P
   Take your expectations higher with the latest LCR meters
logo
Keysight Technologies
U1730C KEYSIGHT-U1730C Datasheet
2Mb / 11P
   Take your expectations higher with the latest LCR meters
logo
Agilent(Hewlett-Packard...
U1730C HP-U1730C Datasheet
502Kb / 11P
   Take your expectations higher with the latest LCR meters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com