Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1271A Fiches technique(PDF) 10 Page - Keysight Technologies

No de pièce U1271A
Description  U1270 Series Handheld Digital Multimeters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1271A Fiches technique(HTML) 10 Page - Keysight Technologies

Back Button U1271A Datasheet HTML 6Page - Keysight Technologies U1271A Datasheet HTML 7Page - Keysight Technologies U1271A Datasheet HTML 8Page - Keysight Technologies U1271A Datasheet HTML 9Page - Keysight Technologies U1271A Datasheet HTML 10Page - Keysight Technologies U1271A Datasheet HTML 11Page - Keysight Technologies U1271A Datasheet HTML 12Page - Keysight Technologies U1271A Datasheet HTML 13Page - Keysight Technologies U1271A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical Specifications
DC specifications for U1271A, U1272A, U1273A and U1273AX
Function
Range
Resolution
Accuracy ± (% of reading +
counts of least significant digit)
Test current/
Burden voltage
U1271A
U1272A
U1273A/U1273AX
Voltage1
30 mV
0.001 mV
0.05 + 20
0.05 + 20
300 mV
0.01 mV
0.05 + 5
0.05 + 5
0.05 + 5
3 V
0.0001 V
0.05 + 5
0.05 + 5
0.05 + 5
30 V
0.001 V
0.05 + 2
0.05 + 2
0.05 + 2
300 V
0.01 V
0.05 + 2
0.05 + 2
0.05 + 2
1000 V
0.1 V
0.05 + 2
0.05 + 2
0.05 + 2
Z
LOW (low
input
impedance)
enabled, ap-
plicable for
1000 V range
and resolu-
tion only
0.1 V
1 + 20
1 + 20
Resistance2
30 Ω
0.001 Ω
0.2 + 10
0.2 + 10
0.65 mA
300 Ω
0.01 Ω
0.2 + 5
0.2 + 5
0.2 + 5
0.65 mA
3 kΩ
0.0001 kΩ
0.2 + 5
0.2 + 5
0.2 + 5
65 µA
30 kΩ
0.001 kΩ
0.2 + 5
0.2 + 5
0.2 + 5
6.5 µA
300 kΩ
0.01 kΩ
0.2 + 5
0.2 + 5
0.2 + 5
0.65 µA
3 MΩ
0.0001 MΩ
0.6 + 5
0.6 + 5
0.6 + 5
93 nA/10 MΩ
30 MΩ
0.001 MΩ
1.2 + 5
1.2 + 5
1.2 + 5
93 nA/10 MΩ
100 MΩ
0.01 MΩ
2.0 +10
93 nA/10 MΩ
300 MΩ
0.01 MΩ
2.0 + 10 @ < 100 MΩ
8.0 + 10 @ > 100 MΩ
2.0 + 10 @ < 100 MΩ
8.0 + 10 @ > 100 MΩ
93 nA/10 MΩ
300 nS
0.01 nS
1 + 10
1 + 10
1 + 10
93 nA/10 MΩ
Current3
300 µA
0.01 µA
0.2 + 5
0.2 + 5
0.2 + 5
< 0.04 V/100 Ω
3000 µA
0.1 µA
0.2 + 5
0.2 + 5
0.2 + 5
< 0.4 V/100 Ω
30 mA
0.001 mA
0.2 + 5
0.2 + 5
0.2 + 5
< 0.08 V/1 Ω
300 mA
0.01 mA
0.2 + 5
0.2 + 5
0.2 + 5
< 1.00 V/1 Ω
3 A
0.0001 A
0.3 +10
0.3 +10
0.3 +10
< 0.1 V/0.01 Ω
10 A
0.001 A
0.3 +10
0.3 +10
0.3 +10
< 0.3 V/0.01 Ω
Diode Test4
3 V
0.0001 V
0.5 + 5
0.5 + 5
0.5 + 5
Approximately
1 to 2 mA
Auto
0.0001 V
0.5 + 5
0.5 + 5
Approximately
0.1 to 0.3 mA
See notes on next page.
10 | Keysight | U1270 Series Handheld Digital Multimeters - Data Sheet


Numéro de pièce similaire - U1271A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Description similaire - U1271A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com