Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC374A Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce 74LVC374A
Description  OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC374A Fiches technique(HTML) 2 Page - Diodes Incorporated

  74LVC374A Datasheet HTML 1Page - Diodes Incorporated 74LVC374A Datasheet HTML 2Page - Diodes Incorporated 74LVC374A Datasheet HTML 3Page - Diodes Incorporated 74LVC374A Datasheet HTML 4Page - Diodes Incorporated 74LVC374A Datasheet HTML 5Page - Diodes Incorporated 74LVC374A Datasheet HTML 6Page - Diodes Incorporated 74LVC374A Datasheet HTML 7Page - Diodes Incorporated 74LVC374A Datasheet HTML 8Page - Diodes Incorporated 74LVC374A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LVC374A
Document number: DS35895 Rev. 1 - 2
2 of 10
www.diodes.com
June 2014
© Diodes Incorporated
74LVC374A
Ordering Information
74 LVC 374A xxx -13
Logic Device
Function
Package
Packing
74 : Logic Prefix
374 :
Octal D-Type
Flip-Flop with 3
State Outputs
T20 : TSSOP-20
-13 : 13” Tape & Reel
Q20 : QFN-20
Part Number
Package
Code
Package
(Note 4 & 5)
Package
Size
13” Tape and Reel
Quantity
Part Number Suffix
74LVC374AT20-13
T20
TSSOP-20
6.4mm X 6.5mm X 1.2mm
0.65 mm lead pitch
2500/Tape & Reel
-13
74LVC374AQ20-13
Q20
V-QFN4525-20
2.5mm X 4.5mm X 0.95mm
0.50 mm lead pitch
2500/Tape & Reel
-13
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. V-QFN4525-20 is a JEDEC recognized naming convention that specifies the package thickness category as V and the number 4525 describes the
package as 4.5mm X 2.5mm.
Pin Descriptions
Pin
Number
Pin
Name
Description
1
OE
Output Enable
2
Q1
Latch Output
3
D1
Data Input
4
D2
Data Input
5
Q2
Latch Output
6
Q3
Latch Output
7
D3
Data Input
8
D4
Data Input
9
Q4
Latch Output
10
GND
Ground
11
CLK
Clock
12
Q5
Latch Output
13
D5
Data Input
14
D6
Data Input
15
Q6
Latch Output
16
Q7
Latch Output
17
D7
Data Input
18
D8
Data Input
19
Q8
Latch Output
20
Vcc
Supply Voltage
Logic Diagram
Function Table
(Each Latch)
INPUTS
OUTPUT
OE
CLK
D
Q
L
H
H
L
L
L
L
H or L
X
Q0
H
X
X
Z


Numéro de pièce similaire - 74LVC374A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC374A STMICROELECTRONICS-74LVC374A Datasheet
298Kb / 14P
   OCTAL D-TYPE FLIP-FLOP HIGH PERFORMANCE
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Nexperia B.V. All right...
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
More results

Description similaire - 74LVC374A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com