Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC373A Fiches technique(PDF) 9 Page - Diodes Incorporated

No de pièce 74LVC373A
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC373A Fiches technique(HTML) 9 Page - Diodes Incorporated

Back Button 74LVC373A Datasheet HTML 2Page - Diodes Incorporated 74LVC373A Datasheet HTML 3Page - Diodes Incorporated 74LVC373A Datasheet HTML 4Page - Diodes Incorporated 74LVC373A Datasheet HTML 5Page - Diodes Incorporated 74LVC373A Datasheet HTML 6Page - Diodes Incorporated 74LVC373A Datasheet HTML 7Page - Diodes Incorporated 74LVC373A Datasheet HTML 8Page - Diodes Incorporated 74LVC373A Datasheet HTML 9Page - Diodes Incorporated 74LVC373A Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
74LVC373A
Document number: DS35893 Rev. 1 - 2
9 of 10
www.diodes.com
June 2014
© Diodes Incorporated
74LVC373A
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1) TSSOP-20
(2) QFN-20 (V-QFN4525-20)
Dimensions
Value (in mm)
C
0.650
X
0.420
X1
6.270
Y
1.789
Y1
4.160
Y2
7.720
Dimensions
Value (in mm)
C
0.500
X
0.330
X1
0.600
X2
3.200
X3
3.830
X4
4.800
Y
0.600
Y1
1.200
Y2
0.830
Y3
2.800
Y1
Y2
Y (20x)
X (20x)
C
X1
X 4
Y 3
Y 2
X 3
X 2
Y 1
Y
X
C
X 1


Numéro de pièce similaire - 74LVC373A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC373A STMICROELECTRONICS-74LVC373A Datasheet
289Kb / 13P
   OCTAL D-TYPE LATCH HIGH PERFORMANCE
logo
ON Semiconductor
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
74LVC373A-Q100 NEXPERIA-74LVC373A-Q100 Datasheet
741Kb / 19P
   Octal D-type transparent latch with 5 V tolerant
More results

Description similaire - 74LVC373A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com