Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B1541A-001 Fiches technique(PDF) 10 Page - Agilent(Hewlett-Packard)

No de pièce B1541A-001
Description  Agilent B1500A Semiconductor Device Analyzer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

B1541A-001 Fiches technique(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button B1541A-001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) B1541A-001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) B1541A-001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) B1541A-001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) B1541A-001 Datasheet HTML 10Page - Agilent(Hewlett-Packard) B1541A-001 Datasheet HTML 11Page - Agilent(Hewlett-Packard) B1541A-001 Datasheet HTML 12Page - Agilent(Hewlett-Packard) B1541A-001 Datasheet HTML 13Page - Agilent(Hewlett-Packard) B1541A-001 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
9
Parameters E
POSC ZOSC
Oscillator level
E
POSC (%)
Z
OSC (mΩ)
125 mV < V
OSC ≤ 250 mV
0.03 x (250/ V
OSC - 1)
5 x (250/ V
OSC - 1)
64 mV < V
OSC ≤ 125 mV
0.03 x (125/ V
OSC - 1)
5 x (125/ V
OSC - 1)
32 mV < V
OSC ≤ 64 mV
0.03 x (64/ V
OSC - 1)
5 x (64/ V
OSC - 1)
V
OSC ≤ 32 mV
0.03 x (32/ V
OSC - 1)
5 x (64/ V
OSC - 1)
V
OSC is oscillator level in mV.
Parameters E
PL YOL ZSL
Cable length
E
PL (%)
Y
OL (nS)
Z
SL (mΩ)
1.5 m
0.02 + 3 x f/100
750 x f/100
5.0
3 m
0.02 + 5 x f/100
1500 x f/100
5.0
f is frequency in MHz. If measurement cable is extended, open compensation,
short compensation, and load compensation must be performed.
Parameters Y
OSC YO EP ZS
Frequency
Y
OSC (nS)
Y
O (nS)
E
P (%)
Z
S (mΩ)
1 kHz ≤ f ≤ 200 kHz
1 x (125/ V
OSC – 0.5)
1.5
0.095
5.0
200 kHz < f ≤ 1 MHz
2 x (125/ V
OSC – 0.5)
3.0
0.095
5.0
1 MHz < f ≤ 2 MHz
2 x (125/ V
OSC – 0.5)
3.0
0.28
5.0
2 MHz < f
20 x (125/ V
OSC – 0.5)
30.0
0.28
5.0
f is frequency in Hz.
V
OSC is oscillator level in mV.
Example of calculated C/G measurement accuracy
Frequency
Measured
capacitance
C accuracy¹
Measured
conductance
G accuracy¹
5 MHz
1 pF
±0.61 %
≤ 3 µS
±192 nS
10 pF
±0.32 %
≤ 31 µS
±990 nS
100 pF
±0.29 %
≤ 314 µS
±9 µS
1 nF
±0.32 %
≤ 3 mS
±99 µS
1 MHz
1 pF
±0.26 %
≤ 628 nS
±16 nS
10 pF
±0.11 %
≤ 6 µS
±71 nS
100 pF
±0.10 %
≤ 63 µS
±624 nS
1 nF
±0.10 %
≤ 628 µS
±7 µS
100 kHz
10 pF
±0.18 %
≤ 628 nS
±11 nS
100 pF
±0.11 %
≤ 6 µS
±66 nS
1 nF
±0.10 %
≤ 63 µS
±619 nS
10 nF
±0.10 %
≤ 628 µS
±7 µS
10 kHz
100 pF
±0.18 %
≤ 628 nS
±11 nS
1 nF
±0.11 %
≤ 6 µS
±66 nS
10 nF
±0.10 %
≤ 63 µS
±619 nS
100 nF
±0.10 %
≤ 628 µS
±7 µS
1 kHz
100 pF
±0.92 %
≤ 63 nS
±6 nS
1 nF
±0.18 %
≤ 628 nS
±11 nS
10 nF
±0.11 %
≤ 6 µS
±66 nS
100 nF
±0.10 %
≤ 63 µS
±619 nS
1. The capacitance and conductance measurement accuracy is specified under
the following conditions:
D
X = 0.1
Integration time: 1 PLC
Test signal level: 30 mVrms
At four-terminal pair port of MFCMU


Numéro de pièce similaire - B1541A-001

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
logo
Panasonic Semiconductor
B1548 PANASONIC-B1548 Datasheet
45Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
logo
AU Optronics Corp.,
B154EW02 AUO-B154EW02 Datasheet
612Kb / 35P
   Color Active Matrix Liquid Crystal Display
More results

Description similaire - B1541A-001

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
B1500A KEYSIGHT-B1500A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1510A KEYSIGHT-B1510A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1530A KEYSIGHT-B1530A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1514A KEYSIGHT-B1514A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1520A KEYSIGHT-B1520A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1525A KEYSIGHT-B1525A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com