Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE1502EM8 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce ACE1502EM8
Description  Arithmetic Controller Engine for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1502EM8 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  ACE1502EM8 Datasheet HTML 1Page - Fairchild Semiconductor ACE1502EM8 Datasheet HTML 2Page - Fairchild Semiconductor ACE1502EM8 Datasheet HTML 3Page - Fairchild Semiconductor ACE1502EM8 Datasheet HTML 4Page - Fairchild Semiconductor ACE1502EM8 Datasheet HTML 5Page - Fairchild Semiconductor ACE1502EM8 Datasheet HTML 6Page - Fairchild Semiconductor ACE1502EM8 Datasheet HTML 7Page - Fairchild Semiconductor ACE1502EM8 Datasheet HTML 8Page - Fairchild Semiconductor ACE1502EM8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
©2002 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
October 2002
ACE1502 Product Family Rev. 1.7
ACE1502 Product Family
Arithmetic Controller Engine (ACEx™)
for Low Power Applications
General Description
The ACE1502 (Arithmetic Controller Engine) family of microcon-
trollers is a dedicated programmable monolithic integrated circuit
for applications requiring high performance, low power, and small
size. It is a fully static part fabricated using CMOS technology.
The ACE1502 product family has an 8-bit microcontroller core,
64 bytes of RAM, 64 bytes of data EEPROM and 2K bytes of
code EEPROM. Its on-chip peripherals include a multifunction
16-bit timer, a watchdog/idle timer, and programmable under-
voltage detection circuitry. On-chip clock and reset functions
reduce the number of required external components. The
ACE1502 product family is available in 8- and 14-pin SOIC,
TSSOP and DIP packages.
Features
I Arithmetic Controller Engine
I 2K bytes on-board code EEPROM
I 64 bytes data EEPROM
I 64 bytes RAM
I Watchdog
I Multi-input wake-up on all eight general purpose I/O pins
I 16-bit multifunction timer with difference capture
I Hardware Bit–Coder (HBC)
I On-chip oscillator
— No external components
— 1µs instruction cycle time +/-2% accuracy
I Instruction set geared for block encryption
I On-chip Power-on Reset
I Programmable read and write disable functions
I Memory mapped I/O
I 32-level Low Voltage Detection
I Brown-out Reset
I Software selectable I/O option
— Push-pull outputs with tri-state option
— Weak pull-up or high impedance inputs
I Fully static CMOS
— Low power HALT mode (100nA @ 2.7V)
— Power saving IDLE mode
I Single supply operation
— 1.8-3.6V
I 40 years data retention
I 1.8V data EEPROM min writing voltage
I 1,000,000 data changes
I 8- and 14-pin SOIC, TSSOP and DIP packages
I In-circuit programming
Block and Connection Diagram
1. 100nf Decoupling capacitor recommended
2. Available only in the 14-pin package option
VCC1
Power-on Reset
Brown-out Reset/Low
Battery Detect
Programming Interface
2K bytes of Code
EEPROM
64 bytes of Data
EEPROM
64 bytes of RAM
12-bit Timer0 with
Watchdog Timer
16-bit Multi-function
Timer1 with Difference
Capture
HALT & IDLE Power
Saving Modes
GPORT
general
purpose
I/O with
multi-
input
wakeup
Internal Oscillator
GND1
RESET2
(CKO) G0
(CKI) G1
G4
G62
G72
G3
Hardware Bit-Coder
(T1/TX) G2
(TX) G5
ACE1502 core
(4 interrupt
sources
and vectors)


Numéro de pièce similaire - ACE1502EM8

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE150212FM+H ACE-ACE150212FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150233FM+H ACE-ACE150233FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150250FM+H ACE-ACE150250FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE1502ADJFM+H ACE-ACE1502ADJFM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

Description similaire - ACE1502EM8

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com