Moteur de recherche de fiches techniques de composants électroniques |
|
ACE1502EM8 Fiches technique(PDF) 8 Page - Fairchild Semiconductor |
|
ACE1502EM8 Fiches technique(HTML) 8 Page - Fairchild Semiconductor |
8 / 33 page 8 www.fairchildsemi.com ACE1502 Product Family Rev. 1.7 3. Arithmetic Controller Core The ACEx microcontroller core is specifically designed for low cost applications involving bit manipulation, shifting and block encryption. It is based on a modified Harvard architecture meaning peripheral, I/O, and RAM locations are addressed sep- arately from instruction data. The core differs from the traditional Harvard architecture by aligning the data and instruction memory sequentially. This allows the X-pointer (12-bits) to point to any memory location in either segment of the memory map. This modification improves the overall code efficiency of the ACEx microcontroller and takes advantage of the flexibility found on Von Neumann style machines. 3.1 CPU Registers The ACEx microcontroller has five general-purpose registers. These registers are the Accumulator (A), X-Pointer (X), Pro- gram Counter (PC), Stack Pointer (SP), and Status Register (SR). The X, SP, and SR registers are all memory-mapped. Figure 12. Programming Model 3.1.1 Accumulator (A) The Accumulator is a general-purpose 8-bit register that is used to hold data and results of arithmetic calculations or data manip- ulations. 3.1.2 X-Pointer (X) The X-Pointer register allows for a 12-bit indexing value to be added to an 8-bit offset creating an effective address used for reading and writing between the entire memory space. (Soft- ware can only read from code EEPROM.) This provides soft- ware with the flexibility of storing lookup tables in the code EEPROM memory space for the core’s accessibility during nor- mal operation. The ACEx core allows software to access the entire 12-bit X- Pointer register using the special X-pointer instructions e.g. LD X, #000H. (See Table 8.) However, software may also access the register through any of the memory-mapped instructions using the XHI (X[11:8]) and XLO (X[7:0]) variables located at 0xBE and 0xBF, respectively. (See Table 10.) The X register is divided into two sections. The 11 least signifi- cant bits (LSBs) of the register is the address of the program or data memory space. The most significant bit (MSB) of the reg- ister is write only and selects between the data (0x000 to 0x0FF) or program (0x800 to 0xFFF) memory space. Example: If Bit 11 = 0, then the LD A, [00,X] instruction will take a value from address range 0x000 to 0x0FF and load it into A. If Bit 11 = 1, then the LD A, [00,X] instruction will take a value from address range 0x800 to 0xFFF and load it into A. The X register can also serve as a counter or temporary storage register. However, this is true only for the 11-LSBs since the 12th bit is dedicated for memory space selection. 3.1.3 Program Counter (PC) The 11-bit program counter register contains the address of the next instruction to be executed. After a reset, if in normal mode the program counter is initialized to 0x800. 3.1.4 Stack Pointer (SP) The ACEx microcontroller has an automatic program stack with a 4-bit stack pointer. The stack can be initialized to any location between addresses 0x30-0x3F. Normally, the stack pointer is initialized by one of the first instructions in an application pro- gram. After a reset, the stack pointer is defaulted to 0xF pointing to address 0x3F. The stack is configured as a data structure which decrements from high to low memory. Each time a new address is pushed onto the stack, the core decrements the stack pointer by two. Each time an address is pulled from the stack, the core incre- ments the stack pointer is by two. At any given time, the stack pointer points to the next free location in the stack. When a subroutine is called by a jump to subroutine (JSR) instruction, the address of the instruction is automatically pushed onto the stack least significant byte first. When the 0 7 0 0 0 3 10 11 00 N H C Z G R A X PC SP SR 8-bit accumulator register 4-bit stack pointer 8-bit status register NEGATIVE flag HALF CARRY flag (from bit 3) CARRY flag (from MSB) ZERO flag (bit 4) READY flag (from EEPROM) GLOBAL INTERRUPT enable 11-bit program counter 12-bit X pointer register |
Numéro de pièce similaire - ACE1502EM8 |
|
Description similaire - ACE1502EM8 |