Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACA2404 Fiches technique(PDF) 4 Page - ANADIGICS, Inc

No de pièce ACA2404
Description  High Output Power Doubler Line Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2404 Fiches technique(HTML) 4 Page - ANADIGICS, Inc

  ACA2404 Datasheet HTML 1Page - ANADIGICS, Inc ACA2404 Datasheet HTML 2Page - ANADIGICS, Inc ACA2404 Datasheet HTML 3Page - ANADIGICS, Inc ACA2404 Datasheet HTML 4Page - ANADIGICS, Inc ACA2404 Datasheet HTML 5Page - ANADIGICS, Inc ACA2404 Datasheet HTML 6Page - ANADIGICS, Inc ACA2404 Datasheet HTML 7Page - ANADIGICS, Inc ACA2404 Datasheet HTML 8Page - ANADIGICS, Inc ACA2404 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ADVANCED PRODUCT INFORMATION - Rev 0.0
05/2003
ACA2404
Table 4: AC and DC Electrical Specifications
(TA = +25 °C, VDD = +24 VDC)
Notes:
(1) Measured with baluns on the input and output of the device.
(2) Parts measured with 77 channels, +58 dBmV power, 13.5 dB tilt at 870 MHz.
(3) Parts measured with 110 channels, +54 dBmV power, 13.5 dB tilt at 870 MHz.
4. All specifications as measured on Evaluation Board (see Figures 13 & 14).
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
z
H
M
0
7
8
t
a
n
i
a
G
)
1
(
8
.
0
25
.
1
21
.
2
2B
d
e
p
o
l
S
t
n
e
l
a
v
i
u
q
E
e
l
b
a
C
)
1
(
-0
-
B
d
s
s
e
n
t
a
l
F
n
i
a
G
)
1
(
z
H
M
0
7
8
o
t-
2
.
0
±-
B
d
e
r
u
g
i
F
e
s
i
o
N
)
1
(
-0
.
40
.
5B
d
B
T
C
)
1
(
s
l
e
n
n
a
h
C
7
7
)
2
(
s
l
e
n
n
a
h
C
0
1
1
)
3
(
-
-
5
7
-
7
6
-
0
7
-
-
c
B
d
O
S
C
)
1
(
s
l
e
n
n
a
h
C
7
7
)
2
(
s
l
e
n
n
a
h
C
0
1
1
)
3
(
-
-
9
6
-
4
6
-
7
6
-
-
c
B
d
D
O
M
X
)
1
(
s
l
e
n
n
a
h
C
7
7
)
2
(
s
l
e
n
n
a
h
C
0
1
1
)
3
(
-
-
2
6
-
0
6
-
0
6
-
-
c
B
d
)
t
u
p
t
u
O
/t
u
p
n
I
(
s
s
o
L
n
r
u
t
e
R
)
1
(
8
12
2-
B
d5
7
m
e
t
s
y
s
t
n
e
r
r
u
C
y
l
p
p
u
S5
8
40
0
55
1
5A
m
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T-
7
.
23
.
3W
/
C
°


Numéro de pièce similaire - ACA2404

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA2401S7P0 ANADIGICS-ACA2401S7P0 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401S7TR ANADIGICS-ACA2401S7TR Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
More results

Description similaire - ACA2404

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
   Power Doubler Line Amplifier
ACA2420 ANADIGICS-ACA2420 Datasheet
540Kb / 10P
   24V, 1000 MHz, 21.5dB Gain High Output Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2420 SKYWORKS-ACA2420 Datasheet
561Kb / 12P
   24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
ACA2431 SKYWORKS-ACA2431 Datasheet
1Mb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com