Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1707 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SD1707
Description  Silicon NPN epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1707 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SD1707 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1707 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1707 Datasheet HTML 3Page - Panasonic Semiconductor 2SD1707 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Transistors
1
Publication date: September 2003
SJD00211BED
2SD1707
Silicon NPN epitaxial planar type
For power switching
Complementary to 2SB1156
■ Features
• Low collector-emitter saturation voltage V
CE(sat)
• Satisfactory linearity of forward current transfer ratio h
FE
• Large collector current I
C
• Full-pack package which can be installed to the heat sink with one
screw
■ Absolute Maximum Ratings T
C = 25°C
■ Electrical Characteristics T
C = 25°C ± 3°C
15.0±0.3
5.0±0.2
11.0±0.2
2.0±0.2
2.0±0.1
0.6±0.2
1.1±0.1
5.45±0.3
10.9±0.5
123
φ 3.2±0.1
(3.2)
Unit: mm
1: Base
2: Collector
3: Emitter
EIAJ: SC-92
TOP-3F-A1 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
130
V
Collector-emitter voltage (Base open)
VCEO
80
V
Emitter-base voltage (Collector open)
VEBO
7V
Collector current
IC
20
A
Peak collector current
ICP
30
A
Collector power dissipation
PC
100
W
Ta = 25°C
3.0
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage (Base open)
VCEO
IC = 10 mA, IB = 080
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 100 V, IE = 010
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= 5 V, I
C
= 050
µA
Forward current transfer ratio
hFE1
VCE = 2 V, IC = 0.1 A
45
hFE2 *
VCE = 2 V, IC = 3 A
90
260
hFE3
VCE
= 2 V, I
C
= 10 A
30
Collector-emitter saturation voltage
VCE(sat)1
IC = 8 A, IB = 0.4 A
0.5
V
VCE(sat)2
IC = 20 A, IB = 2 A
1.5
Base-emitter saturation voltage
VBE(sat)1
IC
= 8 A, I
B
= 0.4 A
1.5
V
VBE(sat)2
IC = 20 A, IB = 2 A
2.5
Transition frequency
fT
VCE = 10 V, IC = 0.5 A, f = 1 MHz
20
MHz
Turn-on time
ton
IC = 8 A, IB1 = 0.8 A, IB2 = − 0.8 A
0.5
µs
Storage time
tstg
VCC = 50 V
2.0
µs
Fall time
tf
0.2
µs
Rank
Q
P
hFE2
90 to 180
130 to 260


Numéro de pièce similaire - 2SD1707

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SD1707 ISC-2SD1707 Datasheet
254Kb / 2P
   isc Silicon NPN Power Transistor
More results

Description similaire - 2SD1707

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com